Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5570 Fiches technique(PDF) 24 Page - Analog Devices

No de pièce AD5570
Description  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5570 Fiches technique(HTML) 24 Page - Analog Devices

Back Button AD5570 Datasheet HTML 16Page - Analog Devices AD5570 Datasheet HTML 17Page - Analog Devices AD5570 Datasheet HTML 18Page - Analog Devices AD5570 Datasheet HTML 19Page - Analog Devices AD5570 Datasheet HTML 20Page - Analog Devices AD5570 Datasheet HTML 21Page - Analog Devices AD5570 Datasheet HTML 22Page - Analog Devices AD5570 Datasheet HTML 23Page - Analog Devices AD5570 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5570
Rev. 0 | Page 24 of 24
OUTLINE DIMENSIONS
16
9
8
1
6.50
6.20
5.90
8.20
7.80
7.40
SEATING
PLANE
0.05 MIN
0.65
BSC
2.00 MAX
0.25
0.09
0.95
0.75
0.55
0.38
0.22
5.60
5.30
5.00
COPLANARITY
0.10
1.85
1.75
1.65
COMPLIANT TO JEDEC STANDARDS MO-150AC
Figure 46. 16-Lead Shrink Small Outline Package [SSOP]
(RS-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5570ARS
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570ARS-REEL
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570ARS-REEL7
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570BRS
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570BRS-REEL
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570BRS-REEL7
−40 °C to +85 °C
16-Lead SSOP
RS-16
AD5570WRS
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570WRS-REEL
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570WRS-REEL7
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570YRS
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570YRS-REEL
−40 °C to +125 °C
16-Lead SSOP
RS-16
AD5570YRS-REEL7
−40 °C to +125 °C
16-Lead SSOP
RS-16
Eval-AD5570EB
Evaluation Board
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03760–0–11/03(0)


Numéro de pièce similaire - AD5570

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

Description similaire - AD5570

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com