Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC088S102CIMT Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC088S102CIMT
Description  8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S102CIMT Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC088S102CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 9Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 10Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 11Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 12Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 13Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 14Page - National Semiconductor (TI) ADC088S102CIMT Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Typical Performance Characteristics V
A =VD = +5.0V, TA = +25˚C, fSAMPLE = 1 MSPS, fSCLK =16
MHz, f
IN = 40.2 kHz unless otherwise stated. (Continued)
SNR vs. SCLK
THD vs. SCLK
20166562
20166565
ENOB vs. SCLK
DNL vs. Temperature
20166553
20166557
INL vs. Temperature
SNR vs. Temperature
20166560
20166563
www.national.com
11


Numéro de pièce similaire - ADC088S102CIMT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC088S102CIMT TI1-ADC088S102CIMT Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMT/NOPB TI1-ADC088S102CIMT/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMTX TI1-ADC088S102CIMTX Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC088S102CIMTX/NOPB TI1-ADC088S102CIMTX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
More results

Description similaire - ADC088S102CIMT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101CIMM TI1-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC084S101 TI1-ADC084S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC084S101CIMM TI-ADC084S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S101 4 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com