Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA120UP60DN Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FFA120UP60DN
Description  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA120UP60DN Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FFA120UP60DN Datasheet HTML 1Page - Fairchild Semiconductor FFA120UP60DN Datasheet HTML 2Page - Fairchild Semiconductor FFA120UP60DN Datasheet HTML 3Page - Fairchild Semiconductor FFA120UP60DN Datasheet HTML 4Page - Fairchild Semiconductor FFA120UP60DN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FFA120UP60DN Rev. A
Electrical Characteristics (per diode) T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 60A
IF = 60A
TC = 25 °C
TC = 100 °C
-
-
-
-
2.2
2.0
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
25
250
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =60A, di/dt = 200A/µs)
-
-
-
-
-
-
90
9
405
ns
A
nC
WAVL
Avalanche Energy (L = 40mH)
20
-
-
mJ


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FFP12UP20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFAF30U20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFP20UP20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
MSRD620CT SWITCHMODE Soft Ultrafast Recovery Power Rectifier 1  2  3  4  5  More ON Semiconductor
FFPF20UP20S Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF12UP20DP Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF20UP20DP Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF30UP20DP Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFP30UP20DN Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor
FFPF20UP30S Ultrafast Recovery Power Rectifier 1  2  3  4  5  Fairchild Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn