Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA120UP60DN Datasheet(Fiches technique) 3 Page - Fairchild Semiconductor

Numéro de pièce FFA120UP60DN
Description  Ultrafast Recovery Power Rectifier
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA120UP60DN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FFA120UP60DN Datenblatt HTML 1Page - Fairchild Semiconductor FFA120UP60DN Datenblatt HTML 2Page - Fairchild Semiconductor FFA120UP60DN Datasheet HTML 3Page - Fairchild Semiconductor FFA120UP60DN Datenblatt HTML 4Page - Fairchild Semiconductor FFA120UP60DN Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FFA120UP60DN Rev. A
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery
Time vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1
10
100
125
oC
100
oC
75
oC
Forward Voltage, V
F [V]
25
oC
100
200
300
400
500
600
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
125°C
75°C
25°C
Reverse Voltage, V
R[V]
100°C
1
10
100
25
50
75
100
125
150
175
200
f=1Mhz
Reverse Voltage, V
R[V]
500
40
50
60
70
I
F=60A
T
C=25 °C
di/dt [A/uS]
500
3
6
9
12
15
18
21
24
27
30
I
F=60A
T
C=25 °C
di/dt [A/uS]
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
DC
Case Temperature, T
C[°C]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FFP12UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFAF30U20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP20UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
MSRD620CTSWITCHMODE Soft Ultrafast Recovery Power Rectifier 1 2 3 4 5 MoreON Semiconductor
FFPF20UP20SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF12UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF30UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP30UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP30SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn