Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA60UP60DN Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FFA60UP60DN
Description  Ultrafast Recovery Power Rectifier
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA60UP60DN Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFA60UP60DN Datasheet HTML 1Page - Fairchild Semiconductor FFA60UP60DN Datenblatt HTML 2Page - Fairchild Semiconductor FFA60UP60DN Datenblatt HTML 3Page - Fairchild Semiconductor FFA60UP60DN Datenblatt HTML 4Page - Fairchild Semiconductor FFA60UP60DN Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFA60UP60DN Rev. A
July 2005
FFA60UP60DN
Ultrafast Recovery Power Rectifier
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
Applications
• General purpose
• Switched mode power supply
• Free-wheeling diode for motor application
• Power switching Circuits
Absolute Maximum Ratings (per diode) T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 80°C30
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
180
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
1.03
°C/W
1. Anode 2.Cathode 3. Anode
13
2
TO-3P


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FFP12UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFAF30U20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP20UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
MSRD620CTSWITCHMODE Soft Ultrafast Recovery Power Rectifier 1 2 3 4 5 MoreON Semiconductor
FFPF20UP20SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF12UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF30UP20DPUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFP30UP20DNUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor
FFPF20UP30SUltrafast Recovery Power Rectifier 1 2 3 4 5 Fairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn