Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDSS2407 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDSS2407
Description  N-Channel Dual MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDSS2407 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDSS2407 Datasheet HTML 1Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 2Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 3Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 4Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 5Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 6Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 7Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 8Page - Fairchild Semiconductor FDSS2407 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FDSS2407 Rev. A
www.fairchildsemi.com
4
Typical Characteristics T
A = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Ambient Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
1
2
3
4
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
VGS = 10V
VGS = 5V
RθJA = 55
oC/W
0.01
0.1
1
10-4
10-3
10-2
10-1
100
101
102
103
2
10-5
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
RθJA = 55
oC/W
10
100
3
200
t, PULSE WIDTH (s)
10-4
10-3
10-2
10-1
100
101
102
103
10-5
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TA = 25
oC
I = I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 5V
RθJA = 55
oC/W
VGS = 10V


Numéro de pièce similaire - FDSS2407

FabricantNo de pièceFiches techniqueDescription
logo
Hammond Manufacturing L...
FDS HAMMOND-FDS Datasheet
46Kb / 1P
   Tablette rabattable
logo
Fairchild Semiconductor
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
logo
Hammond Manufacturing L...
FDS1 HAMMOND-FDS1 Datasheet
66Kb / 1P
   Permits convenient door activated on-off function of air conditioners
FDS1 HAMMOND-FDS1 Datasheet
25Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FDS1 HAMMOND-FDS1 Datasheet
52Kb / 1P
   Interrupteurs a distance pour montage sur porte
More results

Description similaire - FDSS2407

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com