Moteur de recherche de fiches techniques de composants électroniques |
|
MC74ACT161MEL Fiches technique(PDF) 10 Page - ON Semiconductor |
|
MC74ACT161MEL Fiches technique(HTML) 10 Page - ON Semiconductor |
10 / 15 page MC74AC161, MC74ACT161, MC74AC163, MC74ACT163 http://onsemi.com 10 AC OPERATING REQUIREMENTS Symbol Parameter VCC* (V) 74ACT161 74ACT161 Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Typ Guaranteed Minimum ts Setup Time, HIGH or LOW Pn to CP 5.0 7.0 9.5 11.5 ns 3−9 th Hold Time, HIGH or LOW Pn to CP 5.0 −3.0 0 0 ns 3−9 ts Setup Time, HIGH or LOW PE to CP 5.0 6.0 8.5 9.5 ns 3−9 th Hold Time, HIGH or LOW PE to CP 5.0 −3.5 − 0.5 − 0.5 ns 3−9 ts Setup Time, HIGH or LOW CEP or CET to CP 5.0 4.0 5.5 6.5 ns 3−9 th Hold Time, HIGH or LOW CEP or CET to CP 5.0 −2.0 0 0 ns 3−9 tw Clock Pulse Width (Load) HIGH or LOW 5.0 2.0 3.0 3.5 ns 3−6 tw Clock Pulse Width (Count) HIGH or LOW 5.0 2.0 3.0 3.5 ns 3−6 tw MR Pulse Width, LOW 5.0 3.0 3.0 7.5 ns 3−6 trec Recovery Time MR to CP 5.0 0 0 0.5 ns 3−9 *Voltage Range 5.0 V is 5.0 V ±0.5 V. |
Numéro de pièce similaire - MC74ACT161MEL |
|
Description similaire - MC74ACT161MEL |