Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7400KST-140 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7400KST-140
Description  ADV7402/ADV7400 Multiformat Video Decoders for Advanced TV
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7400KST-140 Fiches technique(HTML) 4 Page - Analog Devices

  ADV7400KST-140 Datasheet HTML 1Page - Analog Devices ADV7400KST-140 Datasheet HTML 2Page - Analog Devices ADV7400KST-140 Datasheet HTML 3Page - Analog Devices ADV7400KST-140 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Worldwide
Headquarters
One Technology Way
P.O. Box 9106
Norwood, MA
02062-9106 U.S.A.
Tel: 781.329.4700,
(1.800.262.5643,
U.S.A. only)
Fax: 781.326.8703
Analog Devices, Inc.
Europe
c/o Analog Devices SA
17–19, rue Georges Besse
Parc de Haute
Technologie d’Antony
F-92182
Antony Cedex, France
Tel: 33.1.46.74.45.00
Fax: 33.1.46.74.45.01
Analog Devices, Inc.
Japan Headquarters
New Pier Takeshiba
South Tower Building
1-16-1 Kaigan,
Minato-ku, Tokyo
105-6891, Japan
Tel: 813.5402.8210
Fax: 813.5402.1063
Analog Devices, Inc.
Southeast Asia
Headquarters
RBS Tower, Rm 4501-3
Times Square
1 Matheson Street
Causeway Bay
Hong Kong, PRC
Tel: 852.2.506.9336
Fax: 852.2.506.4755
Purchase of licensed I2C components of Analog Devices or one of its sublicensed
Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to
the I2C Standard Specification as defined by Philips.
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks
are the property of their respective owners.
Printed in the U.S.A.
H03723-2.5-12/03(A)
For ADV7402 and ADV7400 samples, evaluation boards,
or availability information, please contact us via email
at video_products@analog.com
For more information on these products and
Analog Devices’ extensive video and imaging
product portfolio, please visit our website.
Evaluation kits for the ADV7402 and ADV7400 are now available from Analog Devices. All kits include the equipment
necessary to start prototyping with those devices. With the on-board ADuC831 microcontroller, each kit comes ready
programmed for standalone operation, including pre-programmed auto detection and mode selection via the
on-board rotary hex switches.
Each video decoder module is equipped with standard RCA/Phono type connectors for component and composite
video inputs. A mini-Din connector is also provided for S-Video connections, along with a 15-Pin D-Sub for standard
RGB graphics inputs.
A display output module equipped with video encoder (ADV7310), graphics DAC (ADV7123), and DVI transmitter
provides a variety of output formats to interface with professional analog or digital displays and basic televisions.
Control software is provided for complete configuration of each module via the parallel port of a PC using serial
communications. Various add-on modules are also available to provide data bus expansion and support for future
functionality.
Part Number
Description
ADV7402KST-110 12-bit, 110 MHz ADC speed grade (SXGA @ 60 Hz max)
ADV7402KST-80
12-bit, 80 MHz ADC speed grade (1080i/720p max)
ADV7400KST-140 10-bit, 140 MHz ADC speed grade (SXGA @ 75 Hz max)
ADV7400KST-110 10-bit, 110 MHz ADC speed grade (SXGA @ 60 Hz max)
ADV7400KST-80
10-bit, 80 MHz ADC speed grade (1080i/720p max)
Ordering Information


Numéro de pièce similaire - ADV7400KST-140

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400ABSTZ-1101 AD-ADV7400ABSTZ-1101 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400AKSTZ-110 AD-ADV7400AKSTZ-110 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400AKSTZ-1101 AD-ADV7400AKSTZ-1101 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7400AKSTZ-80 AD-ADV7400AKSTZ-80 Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
More results

Description similaire - ADV7400KST-140

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX22490 CONEXANT-CX22490 Datasheet
354Kb / 4P
   lnteractive TV Decoders
logo
Analog Devices
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com