Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7402KST-80 Fiches technique(PDF) 4 Page - Analog Devices |
|
ADV7402KST-80 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 4 page Worldwide Headquarters One Technology Way P.O. Box 9106 Norwood, MA 02062-9106 U.S.A. Tel: 781.329.4700, (1.800.262.5643, U.S.A. only) Fax: 781.326.8703 Analog Devices, Inc. Europe c/o Analog Devices SA 17–19, rue Georges Besse Parc de Haute Technologie d’Antony F-92182 Antony Cedex, France Tel: 33.1.46.74.45.00 Fax: 33.1.46.74.45.01 Analog Devices, Inc. Japan Headquarters New Pier Takeshiba South Tower Building 1-16-1 Kaigan, Minato-ku, Tokyo 105-6891, Japan Tel: 813.5402.8210 Fax: 813.5402.1063 Analog Devices, Inc. Southeast Asia Headquarters RBS Tower, Rm 4501-3 Times Square 1 Matheson Street Causeway Bay Hong Kong, PRC Tel: 852.2.506.9336 Fax: 852.2.506.4755 Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips. © 2003 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. Printed in the U.S.A. H03723-2.5-12/03(A) For ADV7402 and ADV7400 samples, evaluation boards, or availability information, please contact us via email at video_products@analog.com For more information on these products and Analog Devices’ extensive video and imaging product portfolio, please visit our website. Evaluation kits for the ADV7402 and ADV7400 are now available from Analog Devices. All kits include the equipment necessary to start prototyping with those devices. With the on-board ADuC831 microcontroller, each kit comes ready programmed for standalone operation, including pre-programmed auto detection and mode selection via the on-board rotary hex switches. Each video decoder module is equipped with standard RCA/Phono type connectors for component and composite video inputs. A mini-Din connector is also provided for S-Video connections, along with a 15-Pin D-Sub for standard RGB graphics inputs. A display output module equipped with video encoder (ADV7310), graphics DAC (ADV7123), and DVI transmitter provides a variety of output formats to interface with professional analog or digital displays and basic televisions. Control software is provided for complete configuration of each module via the parallel port of a PC using serial communications. Various add-on modules are also available to provide data bus expansion and support for future functionality. Part Number Description ADV7402KST-110 12-bit, 110 MHz ADC speed grade (SXGA @ 60 Hz max) ADV7402KST-80 12-bit, 80 MHz ADC speed grade (1080i/720p max) ADV7400KST-140 10-bit, 140 MHz ADC speed grade (SXGA @ 75 Hz max) ADV7400KST-110 10-bit, 110 MHz ADC speed grade (SXGA @ 60 Hz max) ADV7400KST-80 10-bit, 80 MHz ADC speed grade (1080i/720p max) Ordering Information |
Numéro de pièce similaire - ADV7402KST-80 |
|
Description similaire - ADV7402KST-80 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |