Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC132D Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC74AC132D
Description  Quad 2?묲nput NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC132D Fiches technique(HTML) 3 Page - ON Semiconductor

  MC74AC132D Datasheet HTML 1Page - ON Semiconductor MC74AC132D Datasheet HTML 2Page - ON Semiconductor MC74AC132D Datasheet HTML 3Page - ON Semiconductor MC74AC132D Datasheet HTML 4Page - ON Semiconductor MC74AC132D Datasheet HTML 5Page - ON Semiconductor MC74AC132D Datasheet HTML 6Page - ON Semiconductor MC74AC132D Datasheet HTML 7Page - ON Semiconductor MC74AC132D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74AC132, MC74ACT132
http://onsemi.com
3
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
13.0
1.5
14.0
ns
3−5
5.0
2.0
9.0
1.5
10.0
tPHL
Propagation Delay
3.3
2.0
13.5
1.5
15.0
ns
3−5
5.0
2.0
9.0
1.5
10.0
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
3.0
11.5
2.5
13.0
ns
3−6
tPHL
Propagation Delay
5.0
3.0
11.0
2.5
12.5
ns
3−5
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


Numéro de pièce similaire - MC74AC132D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC132DG ONSEMI-MC74AC132DG Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132DR2G ONSEMI-MC74AC132DR2G Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
More results

Description similaire - MC74AC132D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com