Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC2571 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TC2571
Description  1W Low-Cost Packaged PHEMT GaAs Power FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TC2571 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TC2571 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC2571 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC2571 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC2571
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
1W Low-Cost Packaged PHEMT GaAs Power FETs
FEATURES
• 1W Typical Output Power at 6 GHz
• 11dB Typical Power Gain at 6 GHz
• High Linearity:
IP3 = 40 dBm Typical at 6 GHz
• High Power Added Efficiency:
PAE
≥ 43 % for Class A Operation
• Suitable for High Reliability Application
• Breakdown Voltage:
BVDGO
≥ 15 V
• Lg = 0.35 µm, Wg = 2.4 mm
• 100 % DC Tested
• Low Cost Ceramic Package
DESCRIPTION
The TC2571 is packaged the TC1501 Pseudomorphic High Electron Mobility Transistor (PHEMT) GaAs
Power chip. The cu-based ceramic package that requires a surface-mount package is a low-cost and high
performance package. All devices are 100% DC tested to assure consistent quality. Typical applications
include high dynamic range power amplifier for commercial applications including Cellular/PCS systems,
and military high performance power amplifier.
ELECTRICAL SPECIFICATIONS (TA=25℃
℃)
Symbol
CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point , f = 6GHz
VDS = 8 V, IDS = 300 mA
29.5
30
dBm
G1dB
Power Gain at 1dB Gain Compression , f = 6GHz
VDS = 8 V, IDS = 300 mA
11
dB
IP3
Intercept Point of the 3
rd-order Intermodulation, f = 6GHz
VDS = 8 V, IDS = 300 mA, *PSCL = 17 dBm
40
dBm
PAE
Power Added Efficiency at 1dB Compression Power, f = 6GHz
43
dB
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
600
mA
gm
Transconductance at VDS = 2 V, VGS = 0 V
400
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 4.8 mA
-1.7**
Volts
BVDGO
Drain-Gate Breakdown Voltage at IDGO =1.2 mA
15
18
Volts
Rth
Thermal Resistance
16
°C/W
* PSCL : Output Power of Single Carrier Level
PHOTO ENLARGEMENT
** For the tight control of the pinch-off voltage range, we divide TC2571 into 3 model numbers to fit customer design requirement
(1)TC2571P1519 : Vp = -1.5V to -1.9V (2)TC2571P1620 : Vp = -1.6V to -2.0V (3)TC2571P1721 : Vp = -1.7V to -2.1V
If required, customer can specify the requirement in purchasing document. For special Vp requirement, please contact factory for
details.


Numéro de pièce similaire - TC2571

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
More results

Description similaire - TC2571

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TC3957 TRANSCOM-TC3957 Datasheet
193Kb / 3P
   1W Packaged Single-Bias PHEMT GaAs Power FETs
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
   2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2471 TRANSCOM-TC2471 Datasheet
195Kb / 3P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2876 TRANSCOM-TC2876 Datasheet
52Kb / 2P
   5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2282 TRANSCOM-TC2282 Datasheet
225Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com