Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5182 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN5182
Description  Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN5182 Datasheet HTML 1Page - Fairchild Semiconductor FAN5182 Datasheet HTML 2Page - Fairchild Semiconductor FAN5182 Datasheet HTML 3Page - Fairchild Semiconductor FAN5182 Datasheet HTML 4Page - Fairchild Semiconductor FAN5182 Datasheet HTML 5Page - Fairchild Semiconductor FAN5182 Datasheet HTML 6Page - Fairchild Semiconductor FAN5182 Datasheet HTML 7Page - Fairchild Semiconductor FAN5182 Datasheet HTML 8Page - Fairchild Semiconductor FAN5182 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
www.fairchildsemi.com
FAN5182 Rev. 1.0.1
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality control.
2. Guaranteed by design, not tested in production.
Current Limit Threshold
Voltage
VCL
VCSREF - VCSCOMP, RILIMIT =
250k
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/
µA
DELAY Normal Mode Voltage
VDELAY(NM)
RDELAY = 250kΩ
2.9
3
3.1
V
DELAY Overcurrent Threshold
VDELAY(OC)
RDELAY = 250kΩ
1.7
1.8
1.9
V
Latch-Off Delay Time (Note 2)
tDELAY
RDELAY = 250kΩ, CDELAY = 12nF
1.5
ms
SOFT-START
Output Current, Soft-Start
Mode
IDELAY(SS)
During startup, DELAY < 2.4V
15
20
25
µA
Soft-Start Delay Time (Note 2)
tDELAY(SS)
RDELAY = 250kΩ, CDELAY = 12nF
500
µs
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.8
V
Input High Voltage
VIH(EN)
2.0
V
Input Hysteresis Voltage
100
mV
Input Current
IIN(EN)
-1
+1
µA
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to FBRTN
600
660
720
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to FBRTN
880
940
1000
mV
Ouput Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4mA
225
400
mV
Power Good Delay Time
200
ns
Crowbar Trip Point
VCROWBAR
Relative to FBRTN
0.970
1.05
1.105
V
Crowbar Reset Point
Relative to FBRTN
550
650
750
mV
Crowbar Delay Point (Note 2)
tCROWBAR
Overvoltage to PWM going low
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = 400µA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = -400µA
4.0
5
V
SUPPLY
DC Supply Current
510
mA
UVLO THreshold Voltage
VUVLO
VCC rising
6.5
6.9
7.3
V
UVLO Hysteresis
0.7
0.9
1.1
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Numéro de pièce similaire - FAN5182

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229 FAIRCHILD-FAN5182QSCX_NA3E229 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E229_NL FAIRCHILD-FAN5182QSCX_NA3E229_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182QSCX_NA3E231_NL FAIRCHILD-FAN5182QSCX_NA3E231_NL Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
More results

Description similaire - FAN5182

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182_07 Datasheet
478Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com