Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55002 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL55002
Description  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55002 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL55002 Datasheet HTML 1Page - Intersil Corporation ISL55002 Datasheet HTML 2Page - Intersil Corporation ISL55002 Datasheet HTML 3Page - Intersil Corporation ISL55002 Datasheet HTML 4Page - Intersil Corporation ISL55002 Datasheet HTML 5Page - Intersil Corporation ISL55002 Datasheet HTML 6Page - Intersil Corporation ISL55002 Datasheet HTML 7Page - Intersil Corporation ISL55002 Datasheet HTML 8Page - Intersil Corporation ISL55002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7497.1
July 15, 2005
FIGURE 5. PHASE vs FREQUENCY FOR VARIOUS NON-
INVERTING GAIN SETTINGS
FIGURE 6. PHASE vs FREQUENCY FOR VARIOUS
INVERTING GAIN SETTINGS
FIGURE 7. GAIN BANDWIDTH PRODUCT vs SUPPLY
FIGURE 8. SLEW RATE vs SUPPLY
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +1)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS RLOAD
(AV = +2)
Typical Performance Curves
350
300
250
200
150
100
0
2
8
1012141618
6
4
SUPPLY VOLTAGES (±V)
AV=+2
RF=500Ω
RL=500Ω
CL=5pF
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
ISL55002, ISL55004


Numéro de pièce similaire - ISL55002

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB INTERSIL-ISL55002IB Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55002IB RENESAS-ISL55002IB Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002IB-T13 INTERSIL-ISL55002IB-T13 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results

Description similaire - ISL55002

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
558Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
November 3, 2009
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
EL2242D ELANTEC-EL2242D Datasheet
341Kb / 1P
   Dual Fast Single-Supply Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com