Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EL6298 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce EL6298
Description  Laser Diode Driver with Waveform Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6298 Fiches technique(HTML) 1 Page - Intersil Corporation

  EL6298 Datasheet HTML 1Page - Intersil Corporation EL6298 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
FN7274
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL6298
Laser Diode Driver with Waveform
Generator
The EL6298 is a highly integrated
laser diode driver designed to support
multi-standard writable optical drives.
It accomplishes this by incorporating a waveform generator
wherein the diode currents and timing details can be
programmed before operation. The data input circuitry
inspects the NRZ serial data waveform and generates
programmed waveforms in recognition of 3, 4, 5, or 6 or
more clock periods of space changing to 3, 4, 5, or 6 or more
clock periods of mark, and vice versa. NRZ and clock are
LVDS.
This programmable architecture allows reprogramming of
the timers to support different media, DVD or CD standards,
and different speeds. The programming is accomplished
through a serial interface port. Two outputs are provided to
support dual-laser multi-standard optical heads.
The EL6298 requires 3.3V and 5V supplies, with all the
logical interface operating on the 3.3V supply.
The EL6298 is available in 32-pin QFN and 32-pin QFN
packages for improved thermal performance and reduced
footprint.
Features
• 4MHz - 200MHz clock
• Complete programmable laser diode driver
• 250mA maximum write output
• 8-bit x 8-bit multiplying DAC output provides 8-bit full scale
adjustment and 8-bit resolution at any full scale output
• 0.12ns timer resolution
• Two laser outputs allows read/write DVD and CD
combinations
• Programmable waveform values support 2.6GB DVD-
RAM, 4.7GB DVD-RAM, DVD-R, DVD+RW, DVD-RW,
CD-RW, and CD-R
• Analog input supports APC
• HFM oscillator programmable to 100mAP-P from 200MHz
to 600MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 25Mb/sec
• Pb-free available
Applications
• Combination DVD writable and CD writable drives
• DVD camcorders
• DVD video recorders
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL6298CL
32-Pin QFN
-
MDP0046
EL6298CL-T7
32-Pin QFN
7”
MDP0046
EL6298CL-T13
32-Pin QFN
13”
MDP0046
EL6298CLZ
(See Note)
32-Pin QFN
(Pb-free)
-
MDP0046
EL6298CLZ-T7
(See Note)
32-Pin QFN
(Pb-free)
7”
MDP0046
EL6298CLZ-
T13 (See Note)
32-Pin QFN
(Pb-free)
13”
MDP0046
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
July 15, 2004
Get FULL DATASHEET


Numéro de pièce similaire - EL6298

FabricantNo de pièceFiches techniqueDescription
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6290CJ ELANTEC-EL6290CJ Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6290CL ELANTEC-EL6290CL Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6290CU ELANTEC-EL6290CU Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
   Laser Diode Driver with Waveform Generator
More results

Description similaire - EL6298

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Elantec Semiconductor
EL6291C ELANTEC-EL6291C Datasheet
138Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6900 INTERSIL-EL6900 Datasheet
25Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6934 INTERSIL-EL6934 Datasheet
96Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6293C ELANTEC-EL6293C Datasheet
138Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
   Laser Diode Driver with Waveform Generator
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com