Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPI-8001TW Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce SPI-8001TW
Description  Dual 1.5 A, DC/DC Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8001TW Fiches technique(HTML) 5 Page - Allegro MicroSystems

  SPI-8001TW Datasheet HTML 1Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 2Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 3Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 4Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 5Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 6Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 7Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 8Page - Allegro MicroSystems SPI-8001TW Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPI-8001TW
Dual 1.5 A, DC/DC
Step-Down Converter
www.allegromicro.com
Switching
Regulators
5
TYPICAL CHARACTERISTICS (cont.)
(TA = 25°C)
Overcurrent Protection
Soft-Start Current
Temperature Stability
Chip Enable Control Voltage
Overcurrent Protection


Numéro de pièce similaire - SPI-8001TW

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SPI-8001TW SANKEN-SPI-8001TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8001TW SANKEN-SPI-8001TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8001TW SANKEN-SPI-8001TW_11 Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
More results

Description similaire - SPI-8001TW

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com