Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-8050JD Fiches technique(PDF) 3 Page - Allegro MicroSystems

No de pièce SI-8050JD
Description  Step-Down to 5.0 V, 1.5 A, DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8050JD Fiches technique(HTML) 3 Page - Allegro MicroSystems

  SI-8050JD Datasheet HTML 1Page - Allegro MicroSystems SI-8050JD Datasheet HTML 2Page - Allegro MicroSystems SI-8050JD Datasheet HTML 3Page - Allegro MicroSystems SI-8050JD Datasheet HTML 4Page - Allegro MicroSystems SI-8050JD Datasheet HTML 5Page - Allegro MicroSystems SI-8050JD Datasheet HTML 6Page - Allegro MicroSystems SI-8050JD Datasheet HTML 7Page - Allegro MicroSystems SI-8050JD Datasheet HTML 8Page - Allegro MicroSystems SI-8050JD Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SI-8050JD
Step-Down
to 5.0 V, 1.5 A,
DC/DC Converter
www.allegromicro.com
Switching
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = 20 V, IO = 0.5 A (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
4.90
5.00
5.10
V
Ref. Volt. Temp. Coeff.
a
Vref
±0.5
mV/°C
Output Short-Circuit Current
I
OM
See note
1.6
A
Efficiency
η
—82
%
Operating Frequency
f
125
kHz
Line Regulation
∆V
O(
∆VI)
V
I = 10 V ~ 30 V, IO = 0.5 A
40
100
mV
Load Regulation
∆V
O(
∆IO)
V
I = 20 V, IO = 0.2 A ~ 0.8 A
10
40
mV
Quiescent Current
I
IQ
I
O = 0 A
7.0
mA
V
CE = 0.3 V
200
µA
Chip Enable Voltage
V
CE
Converter turn-off voltage
0.5
V
Soft-Start Current
I
SS
V
SS = 0 V
-100
µA
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below V
O(nom).
SI-8050JD
Test Circuit
C1 = 220 µF/50 V
C2 = 470 µF/25 V
C3 = 0.47 µF/10 V
L1 = 100 µH
D1 = Sanken SFPB-66


Numéro de pièce similaire - SI-8050JD

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SI-8050JD SANKEN-SI-8050JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8050JD SANKEN-SI-8050JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results

Description similaire - SI-8050JD

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com