Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033ZF Fiches technique(PDF) 2 Page - Allegro MicroSystems

No de pièce SI-3033ZF
Description  High-Current, Low-Dropout, 3.3 V Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZF Fiches technique(HTML) 2 Page - Allegro MicroSystems

  SI-3033ZF Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 2Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 3Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 4Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 7Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SI-3033ZF
High-Current,
Low-Dropout,
3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
2
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2004, 2005 Allegro MicroSystems, Inc.
Recommended Operating Conditions
Min
Max
Units
DC Input Voltage
6
V
DC Output Current
0
3
A
Operating Junction Temp.
-20
+100
°C
For the availability of parts meeting -40°C requirements,
contact Allegro’s Sales Representative.
Allowable Package Power Dissipation
This data sheet is based on Sanken data sheet SSJ-02327


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SI-3033ZD High-Current Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
8186 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWM 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWF 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
8187 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3006KWM 1 A Low-Dropout Dual Output 1.8 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3033KM 1 A Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3011ZF HIgh-Current Low-Dropout 1.1~5V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3025ZD High-Current Low-Dropout 2.5 V Regulator 1  2  3  4  5  More Allegro MicroSystems