Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033ZF Datasheet(Fiches technique) 6 Page - Allegro MicroSystems

Numéro de pièce SI-3033ZF
Description  High-Current, Low-Dropout, 3.3 V Regulator
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZF Datasheet(HTML) 6 Page - Allegro MicroSystems

  SI-3033ZF Datenblatt HTML 1Page - Allegro MicroSystems SI-3033ZF Datenblatt HTML 2Page - Allegro MicroSystems SI-3033ZF Datenblatt HTML 3Page - Allegro MicroSystems SI-3033ZF Datenblatt HTML 4Page - Allegro MicroSystems SI-3033ZF Datenblatt HTML 5Page - Allegro MicroSystems SI-3033ZF Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZF Datenblatt HTML 7Page - Allegro MicroSystems SI-3033ZF Datenblatt HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SI-3033ZF
High-Current,
Low-Dropout,
3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
6
Dimensions in Millimeters
Terminal Finish: Sn?3Ag?0.5Cu, 2nd level interconnect category (e1)
Product Weight: Approx. 2.3 g
Terminal spacing is measured at lead tips.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn