Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033ZD Fiches technique(PDF) 1 Page - Allegro MicroSystems

No de pièce SI-3033ZD
Description  High-Current, Low-Dropout, 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZD Fiches technique(HTML) 1 Page - Allegro MicroSystems

  SI-3033ZD Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 2Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 3Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 4Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 5Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 7Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 8Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Designed to meet the high-current requirements in industrial and
consumer applications; embedded core, memory, or logic supplies; TVs,
VCRs, and office equipment, the SI-3033ZD voltage regulator offers the
reduced dropout voltage and low quiescent current essential for im-
proved efficiency. This device delivers a regulated output at up to 3 A.
Integrated thermal and overcurrent protection enhance overall system
reliability. Devices with an adjustable 1.2 ~ 5 V output or a 2.5 V fixed
output are also available.
Quiescent current does not increase significantly as the dropout
voltage is approached, an ideal feature in standby/resume power systems
where data integrity is crucial. Regulator accuracy and excellent
temperature characteristics are provided by a bandgap reference. An
LS-TTL/CMOS-compatible input gives the designer complete control
over power up, standby, or power down. A pnp pass element provides a
dropout voltage of less than 600 mV at 3 A of load current. Low output
voltages eliminate the need for expensive PWM buck converters. The
low dropout voltage permits more efficient regulation before output
regulation is lost.
This device is supplied in a 5-lead surface-mount plastic package
(TO-263) with ground tab to provide a low-resistance path for maximum
heat dissipation. A similar device in a flange-mounted (TO-220-style)
high-power package is the SI-3025ZF.
FEATURES
■ 3 A Output Current at 3.3 V
■ 0.6 V Maximum Dropout Voltage at I
O = 3 A
■ 1 µA Maximum Standby Current
■ Remote Voltage Sensing
■ Foldback Current Limiting
■ Ground Tab for Superior Heat Dissipation
■ Thermal Protection
APPLICATIONS
■ TVs, VCRs, Electronic Games
■ Embedded Core, Memory, or Logic Supplies
■ Printers and Other Office Equipment
■ Industrial Machinery
■ Secondary-Side Stabilization of Multi-Output SMPS
High-Current, Low-Dropout, 3.3 V Regulator
Always order by complete part number, e.g., SI-3033ZD-TL ,
where “-TL” indicates tape and reel.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . .
10 V
Output Current, I
O . . . . . . . . . . . . .
3 A*
Enable Input Voltage, V
E . . . . . . . .
6 V
Junction Temperature, T
J . . . .
+125°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40°C to +125°C
* Output current rating is limited by input
voltage, duty cycle, and ambient tempera-
ture. Under any set of conditions, do not
exceed a junction temperature of +125°C.
SI-3033ZD
Linear
Regulators
Sanken Power Devices
from Allegro MicroSystems


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SI-3033ZF High-Current Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
8186 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWM 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWF 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
8187 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3006KWM 1 A Low-Dropout Dual Output 1.8 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3033KM 1 A Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3011ZF HIgh-Current Low-Dropout 1.1~5V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3025ZD High-Current Low-Dropout 2.5 V Regulator 1  2  3  4  5  More Allegro MicroSystems