Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033ZD Fiches technique(PDF) 6 Page - Allegro MicroSystems

No de pièce SI-3033ZD
Description  High-Current, Low-Dropout, 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZD Fiches technique(HTML) 6 Page - Allegro MicroSystems

  SI-3033ZD Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 2Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 3Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 4Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 5Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 7Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 8Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SI-3033ZD
High-Current,
Low-Dropout,
3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
6
Dimensions in Millimeters
Notes:
1. Dimensions do not include mold protrusions.
2. ( ) Is reference.
3. [ ] Is assembly out quality.
4. Heat sink side flash: 0.8 mm max.
5. Terminal finish: pure Sn, 2nd level interconnect category (e3)
6. Product weight: approximately 1.48 g
Tab Temperature
(TT) Measured Here
Recommended Land Pattern


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SI-3033ZF High-Current Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
8186 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWM 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWF 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
8187 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3006KWM 1 A Low-Dropout Dual Output 1.8 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3033KM 1 A Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3011ZF HIgh-Current Low-Dropout 1.1~5V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3025ZD High-Current Low-Dropout 2.5 V Regulator 1  2  3  4  5  More Allegro MicroSystems

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn