Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033ZD Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce SI-3033ZD
Description  High-Current, Low-Dropout, 3.3 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZD Fiches technique(HTML) 5 Page - Allegro MicroSystems

  SI-3033ZD Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 2Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 3Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 4Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 5Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 6Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 7Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 8Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SI-3033ZD
High-Current,
Low-Dropout,
3.3 V Regulator
www.allegromicro.com
Linear
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C
I, 0.1 µF to 10 µF). This is necessary
either when the input line includes inductance or when the
wiring is long.
Output Capacitor (C
O, > 47 µF). This device is not
designed for a use with a very low ESR output capacitor
such as a ceramic capacitor. Output oscillation may occur
with that kind of capacitor.
Determination of DC Input Voltage. The minimum
input voltage V
I(min) should be higher than the sum of the
fixed output voltage and the maximum rated dropout
voltage.
Increased Output Voltage. The output voltage (V
O)
may be increased by inserting a resistor (R
EXT) between
SENSE and OUTPUT. The current flowing into SENSE is
typically 90 µA ±30%. To minimize the effect of I
SENSE
and temperature on R
EXT, it is recommended that a 9.1 kΩ
resistor be added between SENSE and GND to increase the
current in R
EXT. The value of REXT is then
R
EXT = (VO – 3.3) × 10
6
/453
Overcurrent Protection. The SI-3000ZD series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.
Thermal Protection. Circuitry turns off the pass
transistor when the junction temperature rises above 135°C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation.
The inner frame on which the integrated circuit is mounted
is connected to the GND terminal (pin 3). Therefore, it is
very effective for heat radiation to enlarge the copper area
that is connected to the GND terminal. The graph illus-
trates the effect of the copper area on the junction-to-
ambient thermal resistance (RθJA).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PD × R
θJA) + TA
or
T
J = (PD × R
θJT) + TT
where P
D = IO × (VI – VO) and
RθJT = 3°C/W.
Parallel Operation. Parallel operation to increase load
current is not permitted.


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SI-3033ZF High-Current Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI3033LSA LOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1  2  3  4  5  More Allegro MicroSystems
8186 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWM 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3002KWF 1 A Low-Dropout Dual Output 2.5 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
8187 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SI-3006KWM 1 A Low-Dropout Dual Output 1.8 V & 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3033KM 1 A Low-Dropout 3.3 V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3011ZF HIgh-Current Low-Dropout 1.1~5V Regulator 1  2  3  4  5  More Allegro MicroSystems
SI-3025ZD High-Current Low-Dropout 2.5 V Regulator 1  2  3  4  5  More Allegro MicroSystems

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn