Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3033KM Datasheet(Fiches technique) 6 Page - Allegro MicroSystems

Numéro de pièce SI-3033KM
Description  1 A, Low-Dropout, 3.3 V Regulator
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033KM Datasheet(HTML) 6 Page - Allegro MicroSystems

  SI-3033KM Datenblatt HTML 1Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 2Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 3Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 4Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 5Page - Allegro MicroSystems SI-3033KM Datasheet HTML 6Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 7Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 8Page - Allegro MicroSystems SI-3033KM Datenblatt HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SI-3033KM
1 A, Low-Dropout,
3.3 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
6
APPLICATIONS INFORMATION (cont.)
Determination of DC Input Voltage. The minimum
input voltage V
I(min) should be higher than the sum of the
fixed output voltage and the maximum rated dropout
voltage.
Overcurrent Protection. The SI-3000KM series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.
Thermal Protection. Circuitry turns off the pass
transistor when the junction temperature rises above 135°C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation.
The inner frame on which the integrated circuit is mounted
is connected to the GND terminal (pin 3). Therefore, it is
very effective for heat radiation to enlarge the copper area
that is connected to the GND terminal. The graph illus-
trates the effect of the copper area on the junction-to-
ambient thermal resistance (RθJA).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PD × R
θJA) + TA
or
T
J = (PD × R
θJT) + TT
where P
D = IO × (VI – VO) and
RθJT = 6°C/W.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn