Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3025ZF Datasheet(Fiches technique) 5 Page - Allegro MicroSystems

Numéro de pièce SI-3025ZF
Description  High-Current, Low-Dropout, 2.5 V Regulator
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3025ZF Datasheet(HTML) 5 Page - Allegro MicroSystems

  SI-3025ZF Datenblatt HTML 1Page - Allegro MicroSystems SI-3025ZF Datenblatt HTML 2Page - Allegro MicroSystems SI-3025ZF Datenblatt HTML 3Page - Allegro MicroSystems SI-3025ZF Datenblatt HTML 4Page - Allegro MicroSystems SI-3025ZF Datasheet HTML 5Page - Allegro MicroSystems SI-3025ZF Datenblatt HTML 6Page - Allegro MicroSystems SI-3025ZF Datenblatt HTML 7Page - Allegro MicroSystems SI-3025ZF Datenblatt HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SI-3025ZF
High-Current,
Low-Dropout,
2.5 V Regulator
www.allegromicro.com
Linear
Regulators
5
APPLICATIONS INFORMATION
Input Capacitor (C
I, approximately 10 F). This is
necessary either when the input line includes inductance or
when the wiring is long.
Output Capacitor (C
O, > 47 F). This device is not
designed for a use with a very low ESR output capacitor
such as a ceramic capacitor. Output oscillation may occur
with that kind of capacitor.
Determination of DC Input Voltage. The minimum
input voltage V
I(min) should be higher than the sum of the
fixed output voltage and the maximum rated dropout
voltage.
Increased Output Voltage. The output voltage (V
O)
may be increased by inserting a resistor (R
EXT) between
SENSE and OUTPUT. The current flowing into SENSE is
typically 90 A 30%. To minimize the effect of I
SENSE
and temperature on R
EXT, it is recommended that a 6.8 k?
resistor be added between SENSE and GND to increase the
current in R
EXT. The value of REXT is then
R
EXT = (VO ? 2.5) 10
6
/458
Overcurrent Protection. The SI-3000ZD series has a
built-in fold-back type overcurrent protection circuit, which
limits the output current at a start-up mode. It thus cannot
be used in applications that require current at the start-up
mode such as:
(1) constant-current load,
(2) power supply with positive and negative outputs to
common load (a center-tap type power supply), or
(3) raising the output voltage by putting a diode or a
resistor between the device ground and system ground.
Thermal Protection. Circuitry turns off the pass
transistor when the junction temperature rises above 135C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation. The graph on page 2 illustrates
the effect of thermal resistance on the allowable package
power dissipation.
When mounting to a heat sink, apply silicone grease (Shin-
Etsu Chemical G746, Dow Corning Toray Silicone SC102,
or Toshiba Silicone SY6260). Recommended mounting
hardware torque: 0.588 ~ 0.686 Nm or 6.0 ~ 7.0 kgf?cm
(4.34 ~ 5.06 lbf?ft).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PD R
?JA) + TA
or
T
J = (PD R
?JC) + TC
where P
D = IO (VI ? VO) and
R?JC = 5C/W.
Parallel Operation. Parallel operation to increase load
current is not permitted.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn