Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3025ZD Datasheet(Fiches technique) 3 Page - Allegro MicroSystems

Numéro de pièce SI-3025ZD
Description  High-Current, Low-Dropout, 2.5 V Regulator
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3025ZD Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-3025ZD Datenblatt HTML 1Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 2Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 3Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 4Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 5Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 6Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 7Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 8Page - Allegro MicroSystems SI-3025ZD Datenblatt HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SI-3025ZD
High-Current,
Low-Dropout,
2.5 V Regulator
www.allegromicro.com
Linear
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VE = 2 V (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
V
I = 3.3 V, IO = 10 mA
2.45
2.50
2.55
V
V
O(off)
V
E = 0 V
0.5
V
Output Volt. Temp. Coeff.
a
VO
0°C
≤ T
J ≤ 100°C
±0.3
mV/°C
Output Short-Circuit Current
I
OM
V
I = 3.3 V, see note
3.2
A
Line Regulation
∆V
O(
∆VI)
V
I = 3.0 ~ 5.0 V, IO = 10 mA
10
mV
Load Regulation
∆V
O(
∆IO)
V
I = 3.3 V, IO = 0 A ~ 3.0 A
40
mV
Dropout Voltage
V
Imin - VO
I
O = 3.0 A
0.6
V
Ground Terminal Current
I
GND
V
I = 3.3 V, IO = 0 mA, VE = 2.0 V
1.0
1.5
mA
V
I = 3.3 V, VE = 0 V
1.0
µA
Enable Input Voltage
V
EH
Output ON
2.0
V
V
EL
Output OFF
0.8
V
Enable Input Current
I
EH
V
E = 2.7 V
100
µA
I
EL
V
E = 0 V
0
-5.0
µA
Ripple Rejection Ratio
PSRR
V
I = 3.3 V, 100 Hz ≤ f ≤ 120 Hz
60
dB
Thermal Shutdown
T
J
135
152
°C
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below V
O(nom).


Html Pages

1  2  3  4  5  6  7  8  9