Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34262P Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC34262P
Description  POWER FACTOR CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262P Fiches technique(HTML) 2 Page - ON Semiconductor

  MC34262P Datasheet HTML 1Page - ON Semiconductor MC34262P Datasheet HTML 2Page - ON Semiconductor MC34262P Datasheet HTML 3Page - ON Semiconductor MC34262P Datasheet HTML 4Page - ON Semiconductor MC34262P Datasheet HTML 5Page - ON Semiconductor MC34262P Datasheet HTML 6Page - ON Semiconductor MC34262P Datasheet HTML 7Page - ON Semiconductor MC34262P Datasheet HTML 8Page - ON Semiconductor MC34262P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC34262 MC33262
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Total Power Supply and Zener Current
(ICC + IZ)
30
mA
Output Current, Source or Sink (Note 1)
IO
500
mA
Current Sense, Multiplier, and Voltage Feedback Inputs
Vin
–1.0 to +10
V
Zero Current Detect Input
High State Forward Current
Low State Reverse Current
Iin
50
–10
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction–to–Air
D Suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 3)
MC34262
MC33262
TA
0 to + 85
– 40 to +105
°C
Storage Temperature
Tstg
– 65 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = 12 V (Note 2), for typical values TA = 25°C, for min/max values TA is the operating ambient
temperature range that applies [Note 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA = 25°C
TA = Tlow to Thigh (VCC = 12 V to 28 V)
VFB
2.465
2.44
2.5
2.535
2.54
V
Line Regulation (VCC = 12 V to 28 V, TA = 25°C)
Regline
1.0
10
mV
Input Bias Current (VFB = 0 V)
IIB
– 0.1
– 0.5
µA
Transconductance (TA = 25°C)
gm
80
100
130
µmho
Output Current
Source (VFB = 2.3 V)
Sink (VFB = 2.7 V)
IO
10
10
µA
Output Voltage Swing
High State (VFB = 2.3 V)
Low State (VFB = 2.7 V)
VOH(ea)
VOL(ea)
5.8
6.4
1.7
2.4
V
OVERVOLTAGE COMPARATOR
Voltage Feedback Input Threshold
VFB(OV)
1.065 VFB
1.08 VFB
1.095 VFB
V
MULTIPLIER
Input Bias Current, Pin 3 (VFB = 0 V)
IIB
– 0.1
– 0.5
µA
Input Threshold, Pin 2
Vth(M)
1.05 VOL(EA)
1.2 VOL(EA)
V
Dynamic Input Voltage Range
Multiplier Input (Pin 3)
Compensation (Pin 2)
VPin 3
VPin 2
0 to 2.5
Vth(M) to
(Vth(M) + 1.0)
0 to 3.5
Vth(M) to
(Vth(M) + 1.5)
V
Multiplier Gain (VPin 3 = 0.5 V, VPin 2 = Vth(M) + 1.0 V) (Note 4)
K
0.43
0.65
0.87
1/V
ZERO CURRENT DETECTOR
Input Threshold Voltage (Vin Increasing)
Vth
1.33
1.6
1.87
V
Hysteresis (Vin Decreasing)
VH
100
200
300
mV
Input Clamp Voltage
High State (IDET = + 3.0 mA)
Low State (IDET = – 3.0 mA)
VIH
VIL
6.1
0.3
6.7
0.7
1.0
V


Numéro de pièce similaire - MC34262P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34262P ONSEMI-MC34262P Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262PG ONSEMI-MC34262PG Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262PG ONSEMI-MC34262PG Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Description similaire - MC34262P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com