Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34262 Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce MC34262
Description  POWER FACTOR CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262 Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button MC34262 Datasheet HTML 4Page - ON Semiconductor MC34262 Datasheet HTML 5Page - ON Semiconductor MC34262 Datasheet HTML 6Page - ON Semiconductor MC34262 Datasheet HTML 7Page - ON Semiconductor MC34262 Datasheet HTML 8Page - ON Semiconductor MC34262 Datasheet HTML 9Page - ON Semiconductor MC34262 Datasheet HTML 10Page - ON Semiconductor MC34262 Datasheet HTML 11Page - ON Semiconductor MC34262 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC34262 MC33262
8
MOTOROLA ANALOG IC DEVICE DATA
Figure 18. Inductor Current and MOSFET
Gate Voltage Waveforms
Inductor Current
Average
MOSFET
Q1
On
Off
0
Peak
Current Sense Comparator and RS Latch
The Current Sense Comparator RS Latch configuration
used ensures that only a single pulse appears at the Drive
Output during a given cycle. The inductor current is
converted to a voltage by inserting a ground–referenced
sense resistor R7 in series with the source of output switch
Q1. This voltage is monitored by the Current Sense Input and
compared to a level derived from the Multiplier output. The
peak inductor current under normal operating conditions is
controlled by the threshold voltage of Pin 4 where:
Pin 4 Threshold
R7
IL(pk ) =
Abnormal operating conditions occur during preconverter
startup at extremely high line or if output voltage sensing is
lost. Under these conditions, the Multiplier output and Current
Sense threshold will be internally clamped to 1.5 V.
Therefore, the maximum peak switch current is limited to:
1.5 V
R7
Ipk(max) =
An internal RC filter has been included to attenuate any
high frequency noise that may be present on the current
waveform. This filter helps reduce the ac line current
distortion especially near the zero crossings. With the
component values shown in Figure 20, the Current Sense
Comparator threshold, at the peak of the haversine varies
from 1.1 V at 90 Vac to 100 mV at 268 Vac. The Current
Sense Input to Drive Output turn–off propagation delay is
typically less than 200 ns.
Timer
A watchdog timer function was added to the IC to eliminate
the need for an external oscillator when used in stand–alone
applications. The Timer provides a means to automatically
start or restart the preconverter if the Drive Output has been
off for more than 620
µs after the inductor current reaches
zero. The restart time delay versus temperature is shown in
Figure 8.
Undervoltage Lockout and Quickstart
An Undervoltage Lockout comparator has been
incorporated to guarantee that the IC is fully functional before
enabling the output stage. The positive power supply terminal
(VCC) is monitored by the UVLO comparator with the upper
threshold set at 13 V and the lower threshold at 8.0 V. In the
stand–by mode, with VCC at 7.0 V, the required supply current
is less than 0.4 mA. This large hysteresis and low startup
current allow the implementation of efficient bootstrap startup
techniques, making these devices ideally suited for wide
input range off–line preconverter applications. An internal
36 V clamp has been added from VCC to ground to protect
the IC and capacitor C4 from an overvoltage condition. This
feature is desirable if external circuitry is used to delay the
startup of the preconverter. The supply current, startup, and
operating voltage characteristics are shown in Figures 13
and 14.
A Quickstart circuit has been incorporated to optimize
converter startup. During initial startup, compensation
capacitor C1 will be discharged, holding the error amp output
below the Multiplier threshold. This will prevent Drive Output
switching and delay bootstrapping of capacitor C4 by diode
D6. If Pin 2 does not reach the multiplier threshold before C4
discharges below the lower UVLO threshold, the converter
will “hiccup” and experience a significant startup delay. The
Quickstart circuit is designed to precharge C1 to 1.7 V, Figure
7. This level is slightly below the Pin 2 Multiplier threshold,
allowing immediate Drive Output switching and bootstrap
operation when C4 crosses the upper UVLO threshold.
Drive Output
The MC34262/MC33262 contain a single totem–pole
output stage specifically designed for direct drive of power
MOSFETs. The Drive Output is capable of up to
± 500 mA
peak current with a typical rise and fall time of 50 ns with a
1.0 nF load. Additional internal circuitry has been added to
keep the Drive Output in a sinking mode whenever the
Undervoltage Lockout is active. This characteristic eliminates
the need for an external gate pull–down resistor. The
totem–pole output has been optimized to minimize
cross–conduction current during high speed operation. The
addition of two 10
Ω resistors, one in series with the source
output transistor and one in series with the sink output
transistor, helps to reduce the cross–conduction current and
radiated noise by limiting the output rise and fall time. A 16 V
clamp has been incorporated into the output stage to limit the
high state VOH. This prevents rupture of the MOSFET gate
when VCC exceeds 20 V.


Numéro de pièce similaire - MC34262

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262 ONSEMI-MC34262 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
International Rectifier
MC34262 IRF-MC34262 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
More results

Description similaire - MC34262

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com