Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33064D-005 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce MC33064D-005
Description  UNDERVOLTAGE SENSING CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064D-005 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button MC33064D-005 Datasheet HTML 3Page - ON Semiconductor MC33064D-005 Datasheet HTML 4Page - ON Semiconductor MC33064D-005 Datasheet HTML 5Page - ON Semiconductor MC33064D-005 Datasheet HTML 6Page - ON Semiconductor MC33064D-005 Datasheet HTML 7Page - ON Semiconductor MC33064D-005 Datasheet HTML 8Page - ON Semiconductor MC33064D-005 Datasheet HTML 9Page - ON Semiconductor MC33064D-005 Datasheet HTML 10Page - ON Semiconductor MC33064D-005 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC34064, MC33064, NCV33064
http://onsemi.com
7
ALYW5
3x064
SOIC−8
D SUFFIX
CASE 751
SDY
= Device Code
x
= 3 or 4
y
= I or C
A
= Assembly Location
WL, L = Wafer Lot
YY, Y
= Year
WW, W = Work Week
MARKING DIAGRAMS
Micro8
DM SUFFIX
CASE 846A
Ly50
AYW
1
8
TO−92
P SUFFIX
CASE 29
MC3x0
64P−5
ALYWW
12 3
*
*This marking diagram also applies to NCV33064P.
TSOP−5
SN SUFFIX
CASE 483
SDYYW
12 3
54
1
8


Numéro de pièce similaire - MC33064D-005

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33064D-005 ONSEMI-MC33064D-005 Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
More results

Description similaire - MC33064D-005

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com