Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33065P-L Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC33065P-L
Description  HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065P-L Fiches technique(HTML) 5 Page - ON Semiconductor

  MC33065P-L Datasheet HTML 1Page - ON Semiconductor MC33065P-L Datasheet HTML 2Page - ON Semiconductor MC33065P-L Datasheet HTML 3Page - ON Semiconductor MC33065P-L Datasheet HTML 4Page - ON Semiconductor MC33065P-L Datasheet HTML 5Page - ON Semiconductor MC33065P-L Datasheet HTML 6Page - ON Semiconductor MC33065P-L Datasheet HTML 7Page - ON Semiconductor MC33065P-L Datasheet HTML 8Page - ON Semiconductor MC33065P-L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC34065–H, L MC33065–H, L
5
MOTOROLA ANALOG IC DEVICE DATA
VCC =15 V
CL =15 pF
TA =25°C
VCC =15 V
CL = 1.0 nF
TA =25°C
VCC = 11 V to 15 V
TA =25°C
Figure 9. Reference Load Regulation
Figure 10. Reference Line Regulation
Figure 11. Output Saturation Voltage
versus Load Current
Figure 12. Output Waveform
1.0 ms/DIV
1.0 ms/DIV
IO, OUTPUT LOAD CURRENT (mA)
0
–2.0
–4.0
–6.0
4.0
2.0
0
0
100
200
300
400
VCC
TA = –55°C
Gnd
Sink Saturation
(Load to VCC)
Source Saturation
(Load to Ground)
TA =25°C
TA = –55°C
TA =25°C
VCC =15 V
80
µs Pulsed Load
120 Hz Rate
90% –
10% –
100 ns/DIV
VCC =15 V
IO = 1.0 mA to 10 mA
TA =25°C
Figure 13. Output Cross Conduction Current
Figure 14. Supply Current versus Supply Voltage
100 ns/DIV
32
24
16
8.0
0
0
4.0
8.0
12
16
20
VCC, SUPPLY VOLTAGE (V)
–H Suffix
–L Suffix
RT =10 k
CT = 3.3 nF
VFB =0 V
Current Sense = 0 V
TA =25°C


Numéro de pièce similaire - MC33065P-L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33065P-L ONSEMI-MC33065P-L Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
More results

Description similaire - MC33065P-L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com