Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33063AVD Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC33063AVD
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AVD Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC33063AVD Datasheet HTML 2Page - ON Semiconductor MC33063AVD Datasheet HTML 3Page - ON Semiconductor MC33063AVD Datasheet HTML 4Page - ON Semiconductor MC33063AVD Datasheet HTML 5Page - ON Semiconductor MC33063AVD Datasheet HTML 6Page - ON Semiconductor MC33063AVD Datasheet HTML 7Page - ON Semiconductor MC33063AVD Datasheet HTML 8Page - ON Semiconductor MC33063AVD Datasheet HTML 9Page - ON Semiconductor MC33063AVD Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC34063A MC33063A
6
MOTOROLA ANALOG IC DEVICE DATA
1.25 V
Ref
Reg
Vout
5.0 V/500 mA
1.0
µH
Vout
+
100
Optional Filter
8
7
Rsc
0.33
6
Vin
25 V
100
+
R1
1.2 k
R2
3.6 k
SQ
R
Q2
Q1
Ipk
Osc
CT
VCC
+
Comp.
1
2
3
4
CT
470
pF
470
CO
+
5
L
1N5819
220
µH
Figure 9. Step–Down Converter
Test
Conditions
Results
Line Regulation
Vin = 15 V to 25 V, IO = 500 mA
12 mV =
±0.12%
Load Regulation
Vin = 25 V, IO = 50 mA to 500 mA
3.0 mV =
±0.03%
Output Ripple
Vin = 25 V, IO = 500 mA
120 mVpp
Short Circuit Current
Vin = 25 V, RL = 0.1 Ω
1.1 A
Efficiency
Vin = 25 V, IO = 500 mA
83.7%
Output Ripple With Optional Filter
Vin = 25 V, IO = 500 mA
40 mVpp
10a. External NPN Switch
10b. External PNP Saturated Switch
8
7
6
Rsc
Vin
1
2
Vout
8
7
6
Rsc
Vin
1
2
Vout
Figure 10. External Current Boost Connections for IC Peak Greater than 1.5 A


Numéro de pièce similaire - MC33063AVD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33063AVD ONSEMI-MC33063AVD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063AVD ONSEMI-MC33063AVD Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063AVD ONSEMI-MC33063AVD Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVD ONSEMI-MC33063AVD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AVD ONSEMI-MC33063AVD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

Description similaire - MC33063AVD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
System Logic Semiconduc...
SL34063A SLS-SL34063A Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
   DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
   DC-TO-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
   DC-to-DC Converter Control Circuits
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
   DC-to-DC Converter Control Circuits
logo
Tiger Electronic Co.,Lt...
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
   DC-to-DC Converter Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com