Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC34063A Datasheet(Fiches technique) 1 Page - ON Semiconductor

Numéro de pièce MC34063A
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063A Datasheet(HTML) 1 Page - ON Semiconductor

  MC34063A Datasheet HTML 1Page - ON Semiconductor MC34063A Datenblatt HTML 2Page - ON Semiconductor MC34063A Datenblatt HTML 3Page - ON Semiconductor MC34063A Datenblatt HTML 4Page - ON Semiconductor MC34063A Datenblatt HTML 5Page - ON Semiconductor MC34063A Datenblatt HTML 6Page - ON Semiconductor MC34063A Datenblatt HTML 7Page - ON Semiconductor MC34063A Datenblatt HTML 8Page - ON Semiconductor MC34063A Datenblatt HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC33063AVP
Plastic DIP
Order this document by MC34063A/D
MC34063A
MC33063A
DC–to–DC CONVERTER
CONTROL CIRCUITS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P, P1 SUFFIX
PLASTIC PACKAGE
CASE 626
PIN CONNECTIONS
SEMICONDUCTOR
TECHNICAL DATA
8
1
1
8
1
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
Driver
Collector
Ipk Sense
VCC
Comparator
Inverting
Input
(Top View)
Device
Operating
Temperature Range
Package
ORDERING INFORMATION
MC33063AD
MC33063AP1
TA = – 40° to +85°C
SO–8
Plastic DIP
MC33063AVD
TA = –40° to +125°C
SO–8
2
3
45
6
7
8
MC34063AD
SO–8
MC34063AP1
TA = 0° to +70°C
Plastic DIP
1
MOTOROLA ANALOG IC DEVICE DATA
DC-to-DC Converter
Control Circuits
The MC34063A Series is a monolithic control circuit containing the
primary functions required for DC–to–DC converters. These devices consist
of an internal temperature compensated reference, comparator, controlled
duty cycle oscillator with an active current limit circuit, driver and high current
output switch. This series was specifically designed to be incorporated in
Step–Down and Step–Up and Voltage–Inverting applications with a
minimum number of external components. Refer to Application Notes
AN920A/D and AN954/D for additional design information.
Operation from 3.0 V to 40 V Input
Low Standby Current
Current Limiting
Output Switch Current to 1.5 A
Output Voltage Adjustable
Frequency Operation to 100 kHz
Precision 2% Reference
Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
Oscillator CT
Comparator
+
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Bottom View)
This device contains 51 active transistors.
© Motorola, Inc. 1996
Rev 5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
SL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 System Logic Semiconductor
MC34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreON Semiconductor
34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 List of Unclassifed Manufacturers
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
MC34063DC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSTMicroelectronics
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
MC34063ADC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSTMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn