Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC34063A Datasheet(Fiches technique) 6 Page - ON Semiconductor

Numéro de pièce MC34063A
Description  DC-to-DC CONVERTER CONTROL CIRCUITS
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC34063A Datenblatt HTML 2Page - ON Semiconductor MC34063A Datenblatt HTML 3Page - ON Semiconductor MC34063A Datenblatt HTML 4Page - ON Semiconductor MC34063A Datenblatt HTML 5Page - ON Semiconductor MC34063A Datasheet HTML 6Page - ON Semiconductor MC34063A Datenblatt HTML 7Page - ON Semiconductor MC34063A Datenblatt HTML 8Page - ON Semiconductor MC34063A Datenblatt HTML 9Page - ON Semiconductor MC34063A Datenblatt HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC34063A MC33063A
6
MOTOROLA ANALOG IC DEVICE DATA
1.25 V
Ref
Reg
Vout
5.0 V/500 mA
1.0
µH
Vout
+
100
Optional Filter
8
7
Rsc
0.33
6
Vin
25 V
100
+
R1
1.2 k
R2
3.6 k
SQ
R
Q2
Q1
Ipk
Osc
CT
VCC
+
Comp.
1
2
3
4
CT
470
pF
470
CO
+
5
L
1N5819
220
µH
Figure 9. Step–Down Converter
Test
Conditions
Results
Line Regulation
Vin = 15 V to 25 V, IO = 500 mA
12 mV =
±0.12%
Load Regulation
Vin = 25 V, IO = 50 mA to 500 mA
3.0 mV =
±0.03%
Output Ripple
Vin = 25 V, IO = 500 mA
120 mVpp
Short Circuit Current
Vin = 25 V, RL = 0.1 Ω
1.1 A
Efficiency
Vin = 25 V, IO = 500 mA
83.7%
Output Ripple With Optional Filter
Vin = 25 V, IO = 500 mA
40 mVpp
10a. External NPN Switch
10b. External PNP Saturated Switch
8
7
6
Rsc
Vin
1
2
Vout
8
7
6
Rsc
Vin
1
2
Vout
Figure 10. External Current Boost Connections for IC Peak Greater than 1.5 A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RT34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC35063ADC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
SL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 System Logic Semiconductor
MC34063DC-to-DC Converter Control Circuits 1 2 3 4 5 MoreON Semiconductor
34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 List of Unclassifed Manufacturers
IL34063ADC-TO-DC CONVERTER CONTROL CIRCUITS 1 2 3 Integral Corp.
MC34063DC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSTMicroelectronics
B34063A1.5Amp DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PL34063AP8DC-to-DC Converter Control Circuit 1 2 3 4 5 MoreCystech Electonics Corp.
MC34063ADC-DC CONVERTER CONTROL CIRCUITS 1 2 3 4 5 MoreSTMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn