Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6568CR Fiches technique(PDF) 14 Page - Intersil Corporation

No de pièce ISL6568CR
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6568CR Fiches technique(HTML) 14 Page - Intersil Corporation

Back Button ISL6568CR Datasheet HTML 10Page - Intersil Corporation ISL6568CR Datasheet HTML 11Page - Intersil Corporation ISL6568CR Datasheet HTML 12Page - Intersil Corporation ISL6568CR Datasheet HTML 13Page - Intersil Corporation ISL6568CR Datasheet HTML 14Page - Intersil Corporation ISL6568CR Datasheet HTML 15Page - Intersil Corporation ISL6568CR Datasheet HTML 16Page - Intersil Corporation ISL6568CR Datasheet HTML 17Page - Intersil Corporation ISL6568CR Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
FN9187.3
July 25, 2005
Load-Line (Droop) Regulation
Some microprocessor manufacturers require a precisely-
controlled output impedance. This dependence of output
voltage on load current is often termed “droop” or “load line”
regulation.
As shown in Figure 6, a voltage, VDROOP, proportional to the
total current in all active channels, IOUT, feeds into the
differential remote-sense amplifier. The resulting voltage at
the output of the remote-sense amplifier is the sum of the
output voltage and the droop voltage. As Equation 4 shows,
feeding this voltage into the compensation network causes
the regulator to adjust the output voltage so that it’s equal to
the reference voltage minus the droop voltage.
The droop voltage, VDROOP, is created by sensing the
current through the output inductors. This is accomplished
by using a continuous DCR current sensing method.
Inductor windings have a characteristic distributed
resistance or DCR (Direct Current Resistance). For
simplicity, the inductor DCR is considered as a separate
lumped quantity, as shown in Figure 7. The channel current,
IL, flowing through the inductor, passes through the DCR.
Equation 5 shows the s-domain equivalent voltage, VL,
across the inductor.
The inductor DCR is important because the voltage dropped
across it is proportional to the channel current. By using a
simple R-C network and a current sense amplifier, as shown
in Figure 7, the voltage drop across all of the inductors’
DCRs can be extracted. The output of the current sense
amplifier, VDROOP, can be shown to be proportional to the
channel currents IL1 and IL2, shown in Equation 6.
If the R-C network components are selected such that the
R-C time constant matches the inductor L/DCR time
constant, then VDROOP is equal to the sum of the voltage
drops across the individual DCRs, multiplied by a gain. As
Equation 7 shows, VDROOP is therefore proportional to the
total output current, IOUT.
By simply adjusting the value of RS, the load line can be set
to any level, giving the converter the right amount of droop at
all load currents. It may also be necessary to compensate for
any changes in DCR due to temperature. These changes
cause the load line to be skewed, and cause the R-C time
constant to not match the L/DCR time constant. If this
becomes a problem a simple negative temperature
coefficient resistor network can be used in the place of
RCOMP to compensate for the rise in DCR due to
temperature.
Note: An optional 10nF ceramic capacitor from the ISUM pin
to the IREF pin is recommended to help reduce any noise
affects on the current sense amplifier due to layout.
Output-Voltage Offset Programming
The ISL6568 allows the designer to accurately adjust the
offset voltage by connecting a resistor, ROFS, from the OFS
pin to VCC or GND. When ROFS is connected between OFS
and VCC, the voltage across it is regulated to 1.5V. This
causes a proportional current (IOFS) to flow into the OFS pin
and out of the FB pin. If ROFS is connected to ground, the
voltage across it is regulated to 0.5V, and IOFS flows into the
FB pin and out of the OFS pin. The offset current flowing
through the resistor between VDIFF and FB will generate the
desired offset voltage which is equal to the product (IOFS x
RFB). These functions are shown in Figures 8 and 9.
VL s
()
IL sL DCR
+
()
=
(EQ. 5)
VDROOP s
()
sL
DCR
------------- 1
+


sRCOMP CCOMP
⋅⋅
1
+
()
--------------------------------------------------------------------------
RCOMP
RS
-----------------------
IL1 IL2
+
() DCR
⋅⋅
=
(EQ. 6)
VDROOP
RCOMP
RS
--------------------- IOUT DCR
⋅⋅
=
(EQ. 7)
FIGURE 7. DCR SENSING CONFIGURATION
ICOMP
DCR
L
INDUCTOR
VOUT
COUT
IL1
VL(s)
DCR
L
INDUCTOR
PHASE1
PHASE2
IL2
RS
RS
RCOMP
CCOMP
ISUM
IREF
ISL6568
-
+
VDROOP
IOUT
(optional)
ISL6568


Numéro de pièce similaire - ISL6568CR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6568CR-TR5184 INTERSIL-ISL6568CR-TR5184 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568CRR5184 INTERSIL-ISL6568CRR5184 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6568CRZ RENESAS-ISL6568CRZ Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568CRZ-T RENESAS-ISL6568CRZ-T Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568CRZ-TR5184 INTERSIL-ISL6568CRZ-TR5184 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results

Description similaire - ISL6568CR

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6566 RENESAS-ISL6566 Datasheet
1Mb / 30P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6566 INTERSIL-ISL6566 Datasheet
799Kb / 28P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6566 INTERSIL-ISL6566_06 Datasheet
803Kb / 29P
   Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313BCRZ INTERSIL-ISL6313BCRZ Datasheet
630Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
November 6, 2008
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6313CRZ INTERSIL-ISL6313CRZ Datasheet
632Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
September 2, 2008
logo
Renesas Technology Corp
ISL6313B RENESAS-ISL6313B Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com