Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL6568 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL6568
Description  Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6568 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL6568 Datasheet HTML 1Page - Intersil Corporation ISL6568 Datasheet HTML 2Page - Intersil Corporation ISL6568 Datasheet HTML 3Page - Intersil Corporation ISL6568 Datasheet HTML 4Page - Intersil Corporation ISL6568 Datasheet HTML 5Page - Intersil Corporation ISL6568 Datasheet HTML 6Page - Intersil Corporation ISL6568 Datasheet HTML 7Page - Intersil Corporation ISL6568 Datasheet HTML 8Page - Intersil Corporation ISL6568 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN9187.3
ISL6568
Two-Phase Buck PWM Controller with
Integrated MOSFET Drivers for VRM9,
VRM10, and AMD Hammer Applications
The ISL6568 two-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate
PWM controller and driver configuration of previous multi-
phase product families. By reducing the number of external
parts, this integration is optimized for a cost and space
saving power management solution.
Outstanding features of this controller IC include
programmable VID codes compatible with Intel VRM9,VRM10,
as well as AMD Hammer microprocessors. A unity gain,
differential amplifier is provided for remote voltage sensing,
compensating for any potential difference between remote and
local grounds. The output voltage can also be positively or
negatively offset through the use of a single external resistor.
A unique feature of the ISL6568 is the combined use of both
DCR and rDS(ON) current sensing. Load line voltage
positioning (droop) and overcurrent protection are
accomplished through continuous inductor DCR current
sensing, while rDS(ON) current sensing is used for accurate
channel-current balance. Using both methods of current
sampling utilizes the best advantages of each technique.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Overvoltage results in the converter turning the
lower MOSFETs ON to clamp the rising output voltage and
protect the microprocessor. The overcurrent protection level is
set through a single external resistor. Furthermore, the ISL6568
includes protection against an open circuit on the remote
sensing inputs. Combined, these features provide advanced
protection for the microprocessor and power system.
Features
• Integrated Multi-Phase Power Conversion
- 1 or 2-Phase Operation
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Temperature
- Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
- Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
- Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
- Up to a 6-Bit DAC
- Selectable between Intel’s VRM9, VRM10, or AMD
Hammer DAC codes
- Dynamic VID-on-the-fly Technology
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL6568 (QFN)
TOP VIEW
Ordering Information
PART NUMBER*
TEMP.
(°C)
PACKAGE
PKG.
DWG. #
ISL6568CR
0 to 70 32 Ld 5x5 QFN
L32.5x5
ISL6568CRZ (Note)
0 to 70 32 Ld 5x5 QFN (Pb-free) L32.5x5
ISL6568CRZA
(Note)
0 to 70 32 Ld 5x5 QFN (Pb-free
with Anneal)
L32.5x5
ISL6568IR
-40 to 85 32 Ld 5x5 QFN
L32.5x5
ISL6568IRZ (Note)
-40 to 85 32 Ld 5x5 QFN (Pb-free) L32.5x5
ISL6568IRZA (Note) -40 to 85 32 Ld 5x5 QFN (Pb-free
with Anneal)
L32.5x5
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
PHASE1
VID4
VID3
PHASE2
BOOT2
BOOT1
ENLL
UGATE2
REF
OFS
VCC
FB
VDIFF
VID12.5
COMP
RGND
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
25
9
1011
12
13
1415
16
33
GND
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 25, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn