Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL6566 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL6566 Datasheet HTML 1Page - Intersil Corporation ISL6566 Datasheet HTML 2Page - Intersil Corporation ISL6566 Datasheet HTML 3Page - Intersil Corporation ISL6566 Datasheet HTML 4Page - Intersil Corporation ISL6566 Datasheet HTML 5Page - Intersil Corporation ISL6566 Datasheet HTML 6Page - Intersil Corporation ISL6566 Datasheet HTML 7Page - Intersil Corporation ISL6566 Datasheet HTML 8Page - Intersil Corporation ISL6566 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
FN9178.3
July 25, 2005
Block Diagram
VID4
DYNAMIC
VID
D/A
VID3
VID2
VID1
VID0
VID12.5
VRM10
E/A
REF
FB
OFFSET
OFS
COMP
ISUM
IREF
ICOMP
ISEN AMP
OC
OCSET
RGND
VSEN
VDIFF
x1
100
µA
+150mV
OVP
x 0.82
OVP
UVP
ISEN1
ISEN2
ISEN3
CHANNEL
CURRENT
SENSE
1
N
PWM1
PWM3
CHANNEL
CURRENT
BALANCE
THROUGH
SHOOT-
PROTECTION
BOOT1
UGATE1
PHASE1
LGATE1
PVCC1
LOGIC
CONTROL
GATE
THROUGH
SHOOT-
PROTECTION
BOOT2
UGATE2
PHASE2
LGATE2
PVCC2
LOGIC
CONTROL
GATE
THROUGH
SHOOT-
PROTECTION
BOOT3
UGATE3
PHASE3
LGATE3
PVCC3
LOGIC
CONTROL
GATE
CLOCK AND
GENERATOR
SAWTOOTH
SOFT-START
AND
FAULT LOGIC
CHANNEL
DETECT
VCC
RESET
POWER-ON
0.66V
ENLL
FS
PGOOD
GND
0.2V
+1V
PWM2
x1
VOVP
ISL6566
ISL6566


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn