Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL6566 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL6566 Datasheet HTML 1Page - Intersil Corporation ISL6566 Datasheet HTML 2Page - Intersil Corporation ISL6566 Datasheet HTML 3Page - Intersil Corporation ISL6566 Datasheet HTML 4Page - Intersil Corporation ISL6566 Datasheet HTML 5Page - Intersil Corporation ISL6566 Datasheet HTML 6Page - Intersil Corporation ISL6566 Datasheet HTML 7Page - Intersil Corporation ISL6566 Datasheet HTML 8Page - Intersil Corporation ISL6566 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN9178.3
ISL6566
Three-Phase Buck PWM Controller with
Integrated MOSFET Drivers for VRM9,
VRM10, and AMD Hammer Applications
The ISL6566 three-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate
PWM controller and driver configuration of previous multi-
phase product families. By reducing the number of external
parts, this integration is optimized for a cost and space
saving power management solution.
Outstanding features of this controller IC include programmable
VID codes compatible with Intel VRM9, VRM10, as well as
AMD Hammer microprocessors. A unity gain, differential
amplifier is provided for remote voltage sensing, compensating
for any potential difference between remote and local grounds.
The output voltage can also be positively or negatively offset
through the use of a single external resistor.
A unique feature of the ISL6566 is the combined use of both
DCR and rDS(ON) current sensing. Load line voltage
positioning (droop) and overcurrent protection are
accomplished through continuous inductor DCR current
sensing, while rDS(ON) current sensing is used for accurate
channel-current balance. Using both methods of current
sampling utilizes the best advantages of each technique.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Overvoltage results in the converter turning the
lower MOSFETs ON to clamp the rising output voltage and
protect the microprocessor. The overcurrent protection level is
set through a single external resistor. Furthermore, the ISL6566
includes protection against an open circuit on the remote
sensing inputs. Combined, these features provide advanced
protection for the microprocessor and power system.
Features
• Integrated Multi-Phase Power Conversion
- 1, 2, or 3-Phase Operation
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Temperature
- Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
- Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
- Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
- Up to a 6-Bit DAC
- Selectable between Intel’s VRM9, VRM10, or AMD
Hammer DAC codes
- Dynamic VID Technology
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)
Pinout
ISL6566 (QFN)
TOP VIEW
Ordering Information
PART NUMBER*
TEMP.
(°C)
PACKAGE
PKG.
DWG. #
ISL6566CR
0 to 70 40 Ld 6x6 QFN
L40.6x6
ISL6566CRZ (Note)
0 to 70 40 Ld 6x6 QFN (Pb-free) L40.6x6
ISL6566CRZA (Note) 0 to 70 40 Ld 6x6 QFN (Pb-free) L40.6x6
ISL6566IR
-40 to 85 40 Ld 6x6 QFN
L40.6x6
ISL6566IRZ (Note)
-40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6
ISL6566IRZA (Note) -40 to 85 40 Ld 6x6 QFN (Pb-free) L40.6x6
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add “-T” suffix for tape and reel.
VID1
VID0
VID12.5
VRM10
REF
OFS
VCC
COMP
FB
VDIFF
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
BOOT1
PHASE1
PHASE2
UGATE2
BOOT2
ISEN2
PVCC2
LGATE2
PHASE3
BOOT3
41
GND
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 25, 2005


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn