Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL6566 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL6566
Description  Three-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6566 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL6566 Datasheet HTML 1Page - Intersil Corporation ISL6566 Datasheet HTML 2Page - Intersil Corporation ISL6566 Datasheet HTML 3Page - Intersil Corporation ISL6566 Datasheet HTML 4Page - Intersil Corporation ISL6566 Datasheet HTML 5Page - Intersil Corporation ISL6566 Datasheet HTML 6Page - Intersil Corporation ISL6566 Datasheet HTML 7Page - Intersil Corporation ISL6566 Datasheet HTML 8Page - Intersil Corporation ISL6566 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN9178.3
July 25, 2005
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Supply Voltage, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +15V
Absolute Boot Voltage, VBOOT . . . . . . . . GND - 0.3V to GND + 36V
Phase Voltage, VPHASE . . . . . . . . GND - 0.3V to 15V (PVCC = 12)
GND - 8V (<400ns, 20µJ) to 24V (<200ns, VBOOT-PHASE = 12V)
Upper Gate Voltage, VUGATE . . . . VPHASE - 0.3V to VBOOT + 0.3V
VPHASE - 3.5V (<100ns Pulse Width, 2µJ) to VBOOT + 0.3V
Lower Gate Voltage, VLGATE. . . . . . . . GND - 0.3V to PVCC + 0.3V
GND - 5V (<100ns Pulse Width, 2µJ) to PVCC+ 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . Class I JEDEC STD
Recommended Operating Conditions
VCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
±5%
PVCC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . +5V to 12V
±5%
Ambient Temperature (ISL6566CR, ISL6566CRZ) . . . . 0°C to 70°C
Ambient Temperature (ISL6566IR, ISL6566IRZ) . . . . .-40°C to 85°C
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 1, 2) . . . . . . . . . .
32
3.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLY AND INTERNAL OSCILLATOR
Input Bias Supply Current
IVCC; ENLL = high
-
15
20
mA
Gate Drive Bias Current
IPVCC; ENLL = high
-
0.8
-
mA
VCC POR (Power-On Reset) Threshold
VCC Rising
4.25
4.38
4.50
V
VCC Falling
3.75
3.88
4.00
V
PVCC POR (Power-On Reset) Threshold
PVCC Rising
4.25
4.38
4.50
V
PVCC Falling
3.60
3.88
4.00
V
Oscillator Ramp Amplitude (Note 3)
VPP
-1.50
-
V
Maximum Duty Cycle (Note 3)
-
66.6
-
%
Oscillator Frequency, FSW
RT = 100kΩ (± 0.1%)
225
250
275
kHz
CONTROL THRESHOLDS
ENLL Rising Threshold
-0.66
-
V
ENLL Hysteresis
-
100
-
mV
COMP Shutdown Threshold
COMP Falling
0.2
0.3
0.4
V
REFERENCE AND DAC
System Accuracy (VID = 1.0V - 1.850V)
-0.5
-
0.5
%
System Accuracy (VID = 0.8V - 1.0V)
-0.8
-
0.8
%
DAC Input Low Voltage (VR9, VR10)
--
0.4
V
DAC Input High Voltage (VR9, VR10)
0.8
-
-
V
DAC Input Low Voltage (AMD)
--
0.6
V
DAC Input High Voltage (AMD)
1.0
-
-
V
OFS Sink Current Accuracy (Negative Offset)
ROFS = 30kΩ from OFS to VCC
47.5
50.0
52.5
µA
OFS Source Current Accuracy (Positive Offset)
ROFS = 10kΩ from OFS to GND
47.5
50.0
52.5
µA
ISL6566
ISL6566


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn