Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISL6308 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL6308
Description  Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6308 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL6308 Datasheet HTML 2Page - Intersil Corporation ISL6308 Datasheet HTML 3Page - Intersil Corporation ISL6308 Datasheet HTML 4Page - Intersil Corporation ISL6308 Datasheet HTML 5Page - Intersil Corporation ISL6308 Datasheet HTML 6Page - Intersil Corporation ISL6308 Datasheet HTML 7Page - Intersil Corporation ISL6308 Datasheet HTML 8Page - Intersil Corporation ISL6308 Datasheet HTML 9Page - Intersil Corporation ISL6308 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
FN9208.2
October 19, 2005
ERROR AMPLIFIER
DC Gain (Note 3)
RL = 10K to ground
-
96
-
dB
Gain-Bandwidth Product (Note 3)
CL = 100pF, RL = 10K to ground
-
20
-
MHz
Slew Rate (Note 3)
CL = 100pF, Load = ±400µA-
8
-
V/
µs
Maximum Output Voltage
Load = 1mA
3.90
4.20
-
V
Minimum Output Voltage
Load = -1mA
-
0.85
1.0
V
REMOTE SENSE DIFFERENTIAL AMPLIFIER
Input Bias Current (VSEN)
(VSEN = 1.5V)
49
55
60
µA
Bandwidth (Note 3)
-20
-
MHz
Slew Rate (Note 3)
-8
-
V/
µs
OVERCURRENT PROTECTION
OCSET trip current
93
100
107
µA
OCSET Accuracy
OC comparator offset (OCSET and ISUM Difference)
-5
0
5
mV
ICOMP Offset
ISEN amplifier offset
-5
0
5
mV
PROTECTION
Undervoltage Threshold
VSEN falling
80
82
84
%VID
Undervoltage Hysteresis
VSEN Rising
-
3
-
%VID
Overvoltage Threshold while IC Disabled
1.62
1.67
1.72
V
Overvoltage Threshold
VSEN Rising
DAC +
125mV
DAC +
150mV
DAC +
175mV
V
Overvoltage Hysteresis
VSEN Falling
-
50
-
mV
Open Sense-Line Protection Threshold
IREF Rising and Falling
VDIFF
+ 0.9V
VDIFF +
1V
VDIFF
+ 1.1V
V
OVP Output High Drive Voltage
IOVP = 50mA, VCC = 5V
2.2
3.9
V
SWITCHING TIME
UGATE Rise Time (Note 3)
tRUGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
26
-
ns
LGATE Rise Time (Note 3)
tRLGATE; VPVCC = 12V, 3nF Load, 10% to 90%
-
18
-
ns
UGATE Fall Time (Note 3)
tFUGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
18
-
ns
LGATE Fall Time (Note 3)
tFLGATE; VPVCC = 12V, 3nF Load, 90% to 10%
-
12
-
ns
UGATE Turn-On Non-overlap (Note 3)
tPDHUGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
LGATE Turn-On Non-overlap (Note 3)
tPDHLGATE; VPVCC = 12V, 3nF Load, Adaptive
-
10
-
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 150mA Source Current
1.25
2.0
3.0
Upper Drive Sink Resistance
VPVCC = 12V, 150mA Sink Current
0.9
1.6
3.0
Lower Drive Source Resistance
VPVCC = 12V, 150mA Source Current
0.85
1.4
2.2
Lower Drive Sink Resistance
VPVCC = 12V, 150mA Sink Current
0.60
0.94
1.35
OVER TEMPERATURE SHUTDOWN
Thermal Shutdown Setpoint (Note 3)
-
160
-
°C
Thermal Recovery Setpoint (Note 3)
-
100
-
°C
NOTE:
3. Parameter magnitude guaranteed by design. Not 100% tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6308


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn