Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1489AMEL Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC1489AMEL
Description  Quad Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489AMEL Fiches technique(HTML) 3 Page - ON Semiconductor

  MC1489AMEL Datasheet HTML 1Page - ON Semiconductor MC1489AMEL Datasheet HTML 2Page - ON Semiconductor MC1489AMEL Datasheet HTML 3Page - ON Semiconductor MC1489AMEL Datasheet HTML 4Page - ON Semiconductor MC1489AMEL Datasheet HTML 5Page - ON Semiconductor MC1489AMEL Datasheet HTML 6Page - ON Semiconductor MC1489AMEL Datasheet HTML 7Page - ON Semiconductor MC1489AMEL Datasheet HTML 8Page - ON Semiconductor MC1489AMEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC1489, MC1489A
http://onsemi.com
3
MAXIMUM RATINGS (TA = + 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
10
Vdc
Input Voltage Range
VIR
± 30
Vdc
Output Load Current
IL
20
mA
Power Dissipation (Package Limitation, SOIC−14 and Plastic Dual In−Line Package)
Derate above TA = + 25°C
PD
1/qJA
1000
6.7
mW
mW/
°C
Operating Ambient Temperature Range
TA
0 to + 75
°C
Storage Temperature Range
Tstg
− 65 to + 175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (Response control pin is open.) (VCC = + 5.0 Vdc ± 10%, TA = 0 to + 75°C, unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Positive Input Current
(VIH = + 25 Vdc)
(VIH = + 3.0 Vdc)
IIH
3.6
0.43
8.3
mA
Negative Input Current
(VIH = − 25 Vdc)
(VIH = − 3.0 Vdc)
IIL
− 3.6
− 0.43
− 8.3
mA
Input Turn−On Threshold Voltage
(TA = + 25°C, VOL p 0.45 V)
MC1489
MC1489A
VIH
1.0
1.75
1.95
1.5
2.25
Vdc
Input Turn−Off Threshold Voltage
(TA = + 25°C, VOH q 2.5 V, IL = − 0.5 mA)
MC1489
MC1489A
VIL
0.75
0.75
0.8
1.25
1.25
Vdc
Output Voltage High
(VIH = 0.75 V, IL = − 0.5 mA)
(Input Open Circuit, IL = − 0.5 mA)
VOH
2.5
2.5
4.0
4.0
5.0
5.0
Vdc
Output Voltage Low
(VIL = 3.0 V, IL = 10 mA)
VOL
0.2
0.45
Vdc
Output Short−Circuit Current
IOS
− 3.0
− 4.0
mA
Power Supply Current (All Gates “on,” Iout = 0 mA, VIH = + 5.0 Vdc)
ICC
16
26
mA
Power Consumption
(VIH = + 5.0 Vdc)
PC
80
130
mW
SWITCHING CHARACTERISTICS (VCC = 5.0 Vdc ± 1%, TA = + 25°C, See Figure 3.)
Propagation Delay Time
(RL = 3.9 kW)
tPLH
25
85
ns
Rise Time
(RL = 3.9 kW)
tTLH
120
175
ns
Propagation Delay Time
(RL = 390 kW)
tPHL
25
50
ns
Fall Time
(RL = 390 kW)
tTHL
10
20
ns


Numéro de pièce similaire - MC1489AMEL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1489AMEL ONSEMI-MC1489AMEL Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC1489AMELG ONSEMI-MC1489AMELG Datasheet
156Kb / 12P
   Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
More results

Description similaire - MC1489AMEL

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26LS32AC NSC-DS26LS32AC Datasheet
201Kb / 8P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com