Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFBL3703 Fiches technique(PDF) 7 Page - International Rectifier

No de pièce IRFBL3703
Description  Synchronous Rectification in High Power High Frequency DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFBL3703 Fiches technique(HTML) 7 Page - International Rectifier

  IRFBL3703 Datasheet HTML 1Page - International Rectifier IRFBL3703 Datasheet HTML 2Page - International Rectifier IRFBL3703 Datasheet HTML 3Page - International Rectifier IRFBL3703 Datasheet HTML 4Page - International Rectifier IRFBL3703 Datasheet HTML 5Page - International Rectifier IRFBL3703 Datasheet HTML 6Page - International Rectifier IRFBL3703 Datasheet HTML 7Page - International Rectifier IRFBL3703 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFBL3703
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel
HEXFET® Power MOSFET
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Numéro de pièce similaire - IRFBL3703

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFBL10N60A IRF-IRFBL10N60A Datasheet
117Kb / 8P
   HEXFET Power MOSFET
IRFBL12N50A IRF-IRFBL12N50A Datasheet
123Kb / 8P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRFBL3703

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7456TRPBF IRF-IRF7456TRPBF Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF_15 Datasheet
1Mb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7470TRPBF IRF-IRF7470TRPBF Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com