Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP3054WM-X Fiches technique(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce TP3054WM-X
Description  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3054WM-X Fiches technique(HTML) 11 Page - National Semiconductor (TI)

Back Button TP3054WM-X Datasheet HTML 7Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 8Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 9Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 10Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 11Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 12Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 13Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 14Page - National Semiconductor (TI) TP3054WM-X Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted, limits printed in BOLD characters are guaranteed for V
CC = +5.0V ±5%, VBB = −5.0V ±5%; TA =
−40˚C to +85˚C by correlation with 100% electrical testing at T
A = 25˚C. All other limits are assured by correlation with other
production tests and/or product design and characterization. GNDA = 0V, f = 1.02 kHz, V
IN = 0 dBm0, transmit input amplifier
connected for unity gain non inverting. Typicals are specified at V
CC = +5.0V, VBB = −5.0V, TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NOISE
SOS
Spurious Out-of-Band Signals
Loop Around Measurement, 0 dBm0,
−30
dB
at the Channel Output
300 Hz to 3400 Hz Input PCM Code
Applied at D
R.
4600 Hz–7600 Hz
−30
dB
7600 Hz–8400 Hz
−40
dB
8400 Hz–100,000 Hz
−30
dB
DISTORTION
STD
X,
Signal to Total Distortion
Sinusoidal Test Method (Note 6)
STD
R
Transmit or Receive
Level=3.0 dBm0
33
dBC
Half-Channel
=0 dBm0 to −30 dBm0
36
dBC
=−40 dBm0
XMT
28
dBC
RCV
29
dBC
=−55 dBm0
XMT
13
dBC
RCV
14
dBC
SFD
X
Single Frequency Distortion,
−43
dB
Transmit
SFD
R
Single Frequency Distortion,
−43
dB
Receive
IMD
Intermodulation Distortion
Loop Around Measurement,
−41
dB
VF
XI
+=−4 dBm0 to −21 dBm0, Two
Frequencies in the Range
300 Hz−3400 Hz
CROSSTALK
CT
X-R
Transmit to Receive Crosstalk,
f=300 Hz−3400 Hz
−90
−70
dB
0 dBm0 Transmit Level
D
R=Quiet PCM Code (Note 6)
CT
R-X
Receive to Transmit Crosstalk,
f=300 Hz−3400 Hz, VF
XI=Multitone
−90
−70
dB
0 dBm0 Receive Level
(Note 4)
ENCODING FORMAT AT D
X OUTPUT
TP3054
TP3057
µ-Law
A-Law
(Includes Even Bit Inversion)
V
IN (at GSX)=+Full-Scale
10000000
10101010
V
IN (at GSX)=0V
11111111
11010101
01111111
01010101
V
IN (at GSX)=−Full-Scale
00000000
00101010
Note 3: Measured by extrapolation from the distortion test result at −50 dBm0.
Note 4: PPSRX, NPSRX, and CTR–X are measured with a −50 dBm0 activation signal applied to VFXI
+.
Note 5: TP3054/57 are measured using C message weighted filter for µ-law and psophometric weighted filter for A-law.
Note 6: CTX–R @ 1.544 MHz MCLKX freq. is −70 dB max. 50% ±5% BCLKX duty cycle.
www.national.com
11


Numéro de pièce similaire - TP3054WM-X

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TP3054WM-X TI1-TP3054WM-X Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3054WM-X/63 TI1-TP3054WM-X/63 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3054WM-X/63SN TI1-TP3054WM-X/63SN Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3054WM-X/NOPB TI1-TP3054WM-X/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3054WM-X63 TI1-TP3054WM-X63 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Description similaire - TP3054WM-X

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TP3054-X TI1-TP3054-X_15 Datasheet
1Mb / 22P
[Old version datasheet]   Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com