Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14553BCP Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14553BCP
Description  3-Digit BCD Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14553BCP Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14553BCP Datasheet HTML 1Page - ON Semiconductor MC14553BCP Datasheet HTML 2Page - ON Semiconductor MC14553BCP Datasheet HTML 3Page - ON Semiconductor MC14553BCP Datasheet HTML 4Page - ON Semiconductor MC14553BCP Datasheet HTML 5Page - ON Semiconductor MC14553BCP Datasheet HTML 6Page - ON Semiconductor MC14553BCP Datasheet HTML 7Page - ON Semiconductor MC14553BCP Datasheet HTML 8Page - ON Semiconductor MC14553BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14553B
http://onsemi.com
5
Figure 1. 3–Digit Counter Timing Diagram (Reference Figure 3)
UNITS CLOCK
UNITS Q0
UNITS Q1
UNITS Q2
UNITS Q3
TENS CLOCK
TENS Q0
TENS Q3
HUNDREDS
CLOCK
HUNDREDS Q0
HUNDREDS Q3
DISABLE
OVERFLOW
MASTER
RESET
SCAN
OSCILLATOR
DIGIT SELECT 1
DIGIT SELECT 2
DIGIT SELECT 3
UP AT 80
UP AT 980
UP AT 800
(DISABLES CLOCK WHEN HIGH)
UNITS
TENS
HUNDREDS
PULSE
GENERATOR
(a)
16
VDD
Q3
Q2
Q1
Q0
O.F.
DS1
DS2
DS3
8VSS
C
LE
DIS
MR
CL
CL
CL
CL
CL
GENERATOR
1
(b)
VDD
Q3
Q2
Q1
Q0
O.F.
DS1
DS2
DS3
VSS
C
LE
MR
DIS
CL
CL
CL
CL
CL
GENERATOR
2
GENERATOR
3
20 ns
20 ns
90%
10%
tPLH
tPHL
50%
50%
tTHL
tTLH
10%
90%
50%
1/fcl
tWL(cl)
tTLH
50%
OVERFLOW
BCD OUT
CLOCK
90%
10%
trem
tPHL, tPLH
50%
50%
50%
tWH(R)
tsu
tPHL
MASTER RESET
BCD OUT
LATCH
ENABLE
CLOCK
Figure 2. Switching Time Test Circuits and Waveforms
tsu
tPHL


Numéro de pièce similaire - MC14553BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14553BCP ONSEMI-MC14553BCP Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
MC14553BCPG ONSEMI-MC14553BCPG Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
More results

Description similaire - MC14553BCP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com