Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14551BD Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MC14551BD
Description  Quad 2-Channel Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551BD Fiches technique(HTML) 3 Page - ON Semiconductor

  MC14551BD Datasheet HTML 1Page - ON Semiconductor MC14551BD Datasheet HTML 2Page - ON Semiconductor MC14551BD Datasheet HTML 3Page - ON Semiconductor MC14551BD Datasheet HTML 4Page - ON Semiconductor MC14551BD Datasheet HTML 5Page - ON Semiconductor MC14551BD Datasheet HTML 6Page - ON Semiconductor MC14551BD Datasheet HTML 7Page - ON Semiconductor MC14551BD Datasheet HTML 8Page - ON Semiconductor MC14551BD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14551B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Test Conditions
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
SUPPLY REQUIREMENTS (Voltages Referenced to VEE)
Power Supply Voltage
Range
VDD
VDD – 3.0 ≥ VSS
VEE
3.0
18
3.0
18
3.0
18
V
Quiescent Current Per
Package
IDD
5.0
10
15
Control Inputs: Vin =
VSS or VDD,
Switch I/O: VEE v VI/O
v VDD, and ∆Vswitch
v 500 mV (5.)
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µA
Total Supply Current
(Dynamic Plus
Quiescent, Per Package)
ID(AV)
5.0
10
15
TA = 25_C only (The
channel component,
(Vin – Vout)/Ron, is
not included.)
(0.07
µA/kHz) f + IDD
Typical
(0.20
µA/kHz) f + IDD
(0.36
µA/kHz) f + IDD
µA
CONTROL INPUT (Voltages Referenced to VSS)
Low–Level Input Voltage
VIL
5.0
10
15
Ron = per spec,
Ioff = per spec
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
High–Level Input Voltage
VIH
5.0
10
15
Ron = per spec,
Ioff = per spec
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
V
Input Leakage Current
Iin
15
Vin = 0 or VDD
±0.1
±0.00001
±0.1
±1.0
µA
Input Capacitance
Cin
5.0
7.5
pF
SWITCHES IN/OUT AND COMMONS OUT/IN — W, X, Y, Z (Voltages Referenced to VEE)
Recommended Peak–to–
Peak Voltage Into or Out
of the Switch
VI/O
Channel On or Off
0
VDD
0
VDD
0
VDD
Vp–p
Recommended Static or
Dynamic Voltage Across
the Switch (5.) (Figure 3)
∆Vswitch
Channel On
0
600
0
600
0
300
mV
Output Offset Voltage
VOO
Vin = 0 V, No Load
10
µV
ON Resistance
Ron
5.0
10
15
∆Vswitch v 500 mV (5.),
Vin = VIL or VIH
(Control), and Vin =
0 to VDD (Switch)
800
400
220
250
120
80
1050
500
280
1200
520
300
∆ON Resistance Between
Any Two Channels
in the Same Package
∆Ron
5.0
10
15
70
50
45
25
10
10
70
50
45
135
95
65
Off–Channel Leakage
Current (Figure 8)
Ioff
15
Vin = VIL or VIH
(Control) Channel to
Channel or Any One
Channel
±100
±0.05
±100
±1000
nA
Capacitance, Switch I/O
CI/O
Switch Off
10
pF
Capacitance, Common O/I
CO/I
17
pF
Capacitance, Feedthrough
(Channel Off)
CI/O
Pins Not Adjacent
Pins Adjacent
0.15
0.47
pF
4. Data labeled “Typ” is not to be used for design purposes, but is intended as an indication of the IC’s potential performance.
5. For voltage drops across the switch (
∆Vswitch) > 600 mV ( > 300 mV at high temperature), excessive VDD current may be drawn; i.e. the
current out of the switch may contain both VDD and switch input components. The reliability of the device will be unaffected unless the
Maximum Ratings are exceeded. (See first page of this data sheet.)


Numéro de pièce similaire - MC14551BD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14551BD ONSEMI-MC14551BD Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BDG ONSEMI-MC14551BDG Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BDG ONSEMI-MC14551BDG Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551BDR2 ONSEMI-MC14551BDR2 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BDR2G ONSEMI-MC14551BDR2G Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Description similaire - MC14551BD

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com