Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14553B Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC14553B
Description  3-Digit BCD Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14553B Fiches technique(HTML) 4 Page - ON Semiconductor

  MC14553B Datasheet HTML 1Page - ON Semiconductor MC14553B Datasheet HTML 2Page - ON Semiconductor MC14553B Datasheet HTML 3Page - ON Semiconductor MC14553B Datasheet HTML 4Page - ON Semiconductor MC14553B Datasheet HTML 5Page - ON Semiconductor MC14553B Datasheet HTML 6Page - ON Semiconductor MC14553B Datasheet HTML 7Page - ON Semiconductor MC14553B Datasheet HTML 8Page - ON Semiconductor MC14553B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14553B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (6.) (CL = 50 pF, TA = 25_C)
Characteristic
Figure
Symbol
VDD
Min
Typ (7.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
2a
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Clock to BCD Out
2a
tPLH,
tPHL
5.0
10
15
900
500
200
1800
1000
400
ns
Clock to Overflow
2a
tPHL
5.0
10
15
600
400
200
1200
800
400
ns
Reset to BCD Out
2b
tPHL
5.0
10
15
900
500
300
1800
1000
600
ns
Clock to Latch Enable Setup Time
Master Reset to Latch Enable Setup Time
2b
tsu
5.0
10
15
600
400
200
300
200
100
ns
Removal Time
Latch Enable to Clock
2b
trem
5.0
10
15
– 80
– 10
0
– 200
– 70
– 50
ns
Clock Pulse Width
2a
tWH(cl)
5.0
10
15
550
200
150
275
100
75
ns
Reset Pulse Width
2b
tWH(R)
5.0
10
15
1200
600
450
600
300
225
ns
Reset Removal Time
trem
5.0
10
15
– 80
0
20
– 180
– 50
– 30
ns
Input Clock Frequency
2a
fcl
5.0
10
15
1.5
5.0
7.0
0.9
2.5
3.5
MHz
Input Clock Rise Time
2b
tTLH
5.0
10
15
No
Limit
ns
Disable, MR, Latch Enable
Rise and Fall Times
tTLH,
tTHL
5.0
10
15
15
5.0
4.0
µs
Scan Oscillator Frequency
(C1 measured in
µF)
1
fosc
5.0
10
15
1.5/C1
4.2/C1
7.0/C1
Hz
6. The formulas given are for the typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Numéro de pièce similaire - MC14553B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553BCP ONSEMI-MC14553BCP Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
MC14553BCPG ONSEMI-MC14553BCPG Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
MC14553BDW ONSEMI-MC14553BDW Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
More results

Description similaire - MC14553B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com