Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14543BD Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14543BD
Description  BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14543BD Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14543BD Datasheet HTML 1Page - ON Semiconductor MC14543BD Datasheet HTML 2Page - ON Semiconductor MC14543BD Datasheet HTML 3Page - ON Semiconductor MC14543BD Datasheet HTML 4Page - ON Semiconductor MC14543BD Datasheet HTML 5Page - ON Semiconductor MC14543BD Datasheet HTML 6Page - ON Semiconductor MC14543BD Datasheet HTML 7Page - ON Semiconductor MC14543BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14543B
http://onsemi.com
5
Figure 1. Typical Output Source
Characteristics
Figure 2. Typical Output Sink
Characteristics
–24
–18
–12
– 6.0
0
(VOH – VDD), SOURCE DEVICE VOLTAGE (Vdc)
– 16
– 12
– 8.0
– 4.0
0
VDD = 5.0 Vdc
POHmax = 70 mWdc
VDD = 10 Vdc
VDD = 15 Vdc
VSS = 0 Vdc
0
6.0
12
18
24
(VOL – VSS), SINK DEVICE VOLTAGE (Vdc)
0
4.0
8.0
12
16
VDD = 15 Vdc
VDD = 10 Vdc
VDD = 5.0 Vdc
VSS = 0 Vdc
POLmax = 70 mWdc
Figure 3. Dynamic Power Dissipation
Signal Waveforms
Inputs BI and Ph low, and Inputs D and LD high.
f in respect to a system clock.
Figure 4. Dynamic Signal Waveforms
(a) Inputs D, Ph, and BI low, and Inputs A, B, and LD high.
(b) Inputs D, Ph, and BI low, and Inputs A and B high.
(c) Data DCBA strobed into latches
20 ns
20 ns
VDD
VSS
VOH
VOL
10%
50%
90%
1
2f
50% DUTY CYCLE
A, B, AND C
ANY OUTPUT
All outputs connected to respective CL loads.
20 ns
20 ns
90%
10%
50%
tPHL
tPLH
90%
50%
10%
VDD
VSS
VOH
VOL
VDD
VSS
VDD
VSS
VOH
VOL
VDD
VSS
tTHL
tTLH
C
g
LD
C
g
LD
20 ns
90%
50%
10%
50%
50%
th
tsu
50%
tWH


Numéro de pièce similaire - MC14543BD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14543BD ONSEMI-MC14543BD Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
MC14543BDG ONSEMI-MC14543BDG Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
MC14543BDG ONSEMI-MC14543BDG Datasheet
125Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
July, 2014 ??Rev. 10
MC14543BDR2 ONSEMI-MC14543BDR2 Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
MC14543BDR2G ONSEMI-MC14543BDR2G Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
More results

Description similaire - MC14543BD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14543B ONSEMI-MC14543B_14 Datasheet
125Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
July, 2014 ??Rev. 10
MC14543B ONSEMI-MC14543B_06 Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com