Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AF1332N Fiches technique(PDF) 2 Page - Anachip Corp

No de pièce AF1332N
Description  N-Channel Enhancement Mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AF1332N Fiches technique(HTML) 2 Page - Anachip Corp

  AF1332N Datasheet HTML 1Page - Anachip Corp AF1332N Datasheet HTML 2Page - Anachip Corp AF1332N Datasheet HTML 3Page - Anachip Corp AF1332N Datasheet HTML 4Page - Anachip Corp AF1332N Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AF1332N
N-Channel Enhancement Mode Power MOSFET
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Oct 15, 2004
2/5
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±6
V
TA=25ºC
600
ID
Continuous Drain Current (Note 1)
TA=70ºC
470
mA
IDM
Pulsed Drain Current (Note 2, 3)
2.5
A
Total Power Dissipation
TA=25ºC
0.35
W
PD
Linear Derating Factor
0.003
W/
oC
TSTG
Storage Temperature Range
-55 to +150
oC
TJ
Operating Junction Temperature Range
-55 to +150
oC
Thermal Data
Symbol
Parameter
Value
Unit
Rthj-a
Thermal Resistance Junction-Ambient (Note 1)
Max.
360
ºC/W
Electrical Characteristics at T
A=25
oC (unless otherwise specified)
Limits
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=250uA
20
-
-
V
∆BVDSS / ∆TJ
Breakdown Voltage Temperature
Coefficient
Reference to 25
oC,
ID=1mA
-
0.02
-
V/
oC
VGS=4.5V, ID=600mA
-
-
600
RDS(ON)
Static Drain-Source
On-Resistance
VGS=2.5V, ID=400mA
-
-
850
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
0.5
-
1.2
V
gfs
Forward Transconductance
VDS=5V, ID=600mA
-
1
-
S
Drain-Source Leakage Current
(TJ=25
oC)
VDS=20V, VGS=0V
-
-
1
IDSS
Drain-Source Leakage Current
(TJ=70
oC)
VDS=16V, VGS=0V
-
-
10
uA
IGSS
Gate-Source Leakage
VGS=±6V
-
-
±10
uA
Qg
Total Gate Charge (Note 3)
-
1.3
2
Qgs
Gate-Source Charge
-
0.3
-
Qgd
Gate-Drain (“Miller”) Charge
ID=600mA,
VDS=16V,
VGS=4.5V
-
0.5
-
nC
td(on)
Turn-On Delay Time (Note 3)
-
21
-
tr
Rise Time
-
53
-
td(off)
Turn-Off Delay Time
-
100
-
tf
Fall-Time
VDS=10V,
ID=600mA,
RG=3.3Ω, VGS=5V
RD=16.7Ω
-
125
-
ns
Ciss
Input Capacitance
-
38
60
Coss
Output Capacitance
-
17
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=10V,
f=1.0MHz
-
12
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDS
Forward On Voltage (Note 3)
IS=300mA, VGS=0V
-
-
1.2
V
Note 1: Surface mounted on FR4 board, t ≤ 10 sec.
Note 2: Pulse width limited by Max. junction temperature.
Note 3: Pulse width ≤ 300us, duty cycle ≤ 2%.


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRF230 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET 1  2  Seme LAB
ARF440 N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET 1  2  3  4  Advanced Power Technology
RF1K49086 3.5A 30V Avalanche Rated Dual N-Channel LittleFET™ Enhancement Mode Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
BFC11 4TH GENERATION MOSFET N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS 1  2  Seme LAB
SD1905 HF/VHF POWER MOSFET N-Channel Enhancement Mode 1  Advanced Semiconductor
AP9973M N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  List of Unclassifed Manufacturers
TSM1N60 N-Channel Power Enhancement Mode MOSFET 1  2  3  4  Taiwan Semiconductor Company, Ltd
AF60N03 N-Channel Enhancement Mode Power MOSFET 1  2  3  4  5  Anachip Corp
AP01N60P N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  Advanced Power Electronics Corp.
AP04N70BP-A N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  5  More Advanced Power Electronics Corp.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn