Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS61584A-IQ3Z Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS61584A-IQ3Z
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IQ3Z Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS61584A-IQ3Z Datasheet HTML 6Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 7Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 8Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 9Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 10Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 11Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 12Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 13Page - Cirrus Logic CS61584A-IQ3Z Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
CS61584A
10
DS261PP5
DS261PP5
SWITCHING CHARACTERISTICS - SERIAL PORT (T
A = -40 to 85 °C; DV+, TV+, RV+ =
nominal ± 0.3 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+)
Notes: 28. If SPOL = 0, then CS should return high no sooner than 20 ns after the 16th rising edge of SCLK during
a serial port read.
29. Output load capacitance = 50 pF.
Parameter
Symbol
Min
Typ
Max
Unit
SDI to SCLK Setup Time
tdc
25
-
-
ns
SCLK to SDI Hold Time
tcdh
25
-
-
ns
SCLK Low Time
tcl
50
-
-
ns
SCLK High Time
tch
50
-
-
ns
SCLK Rise and Fall Time
tr, tf
-
-
15
ns
CS to SCLK Setup Time
tcc
20
-
-
ns
SCLK to CS Hold Time
(Note 28)
tcch
20
-
-
ns
CS Inactive Time
tcwh
100
-
-
ns
SDO Valid to SCLK
(Note 29)
tcdv
-
-
50
ns
CS to SDO High Z
tcdz
-50
-
ns
t dc
t cc
LSB
LSB
MSB
CONTROL BYTE
DATA BYTE
CS
SCLK
SDI
t ch
t cwh
t cch
t cdh
t cl
t cdh
Figure 4. Serial Port Write Timing Diagram
HIGH
CS
SCLK
SDO
SPOL = 0
t cdz
cdv
t
Figure 5. Serial Port Read Timing Diagram
CS61584A
10
DS261F1


Numéro de pièce similaire - CS61584A-IQ3Z

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Description similaire - CS61584A-IQ3Z

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com