Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS61305A-IP1 Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS61305A-IP1
Description  T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61305A-IP1 Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS61305A-IP1 Datasheet HTML 6Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 7Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 8Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 9Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 10Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 11Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 12Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 13Page - Cirrus Logic CS61305A-IP1 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Transmitter
The transmitter takes digital T1 or E1 input data
and drives appropriately shaped bipolar pulses
onto a transmission line. The transmit data (TPOS
& TNEG or TDATA) is supplied synchronously
and sampled on the falling edge of the input
clock, TCLK.
Either T1 (DSX-1 or Network Interface) or E1
CCITT G.703 pulse shapes may be selected.
Pulse shaping and signal level are controlled by
"line length select" inputs as shown in Table 3.
The output options in Table 3 are specified with a
1:1.15 transmitter transformer turns ratio for T1
and a 1:1 turns ratio for E1 without external se-
ries resistors. Other turns ratios may be used if
approriate resistors are placed in series with the
TTIP and TRING pins. Table A1 in the applica-
tions section lists other combinations which can
be used to provide transmitter impedance match-
ing.
For T1 DSX-1 applications, line lengths from 0 to
655 feet (as measured from the transmitter to the
DSX-1 cross connect) may be selected. The five
partition arrangement in Table 3 meets ANSI
T1.102-1993 and AT&T CB-119 requirements
when using #22 ABAM cable. A typical output
pulse is shown in Figure 8. These pulse settings
can also be used to meet CCITT pulse shape re-
quirements for 1.544 MHz operation.
For T1 Network Interface applications, two addi-
tional options are provided. Note that the optimal
pulse width for Part 68 (324 ns) is narrower than
the optimal pulse width for DSX-1 (350 ns). The
CS61305A automatically adjusts the pulse width
based upon the "line length" selection made.
The E1 G.703 pulse shape is supported with line
length selections LEN2/1/0 = 0/0/0 and 0/0/1.
The pulse width will meet the G.703 pulse shape
template shown in Figure 9, and specified in Ta-
ble 4.
The CS61305A transmitter provides short-circuit
current limiting protection and meets OFTEL
OTR-001 short-circuit current limiting require-
ments for E1 applications.
The CS61305A will detect a static TCLK, and
will force TTIP and TRING low to prevent trans-
mission when data is not present. When any
transmit control pin (TAOS, LEN0-2 or LLOOP)
is toggled, the transmitter outputs will require ap-
proximately 22 bit periods to stabilize. The
transmitter will take longer to stabilize when
RLOOP is selected because the timing circuitry
must adjust to the new frequency.
500
1.0
0.5
0
-0.5
0
250
750
1000
NORMALIZED
AMPLITUDE
AT&T CB 119
SPECIFICATIONS
PULSE SHAPE
OUTPUT
TIME (nanoseconds)
ANSI T1.102,
Figure 8. Typical Pulse Shape at DSX-1 Cross Connect
LEN2 LEN1 LEN0
Option Selected
Application
01
1
0-133 ft
DSX-1
ABAM
(AT&T 600B
or 600C)
10
0
133-266 ft
10
1
266-399 ft
11
0
399-533 ft
11
1
533-655 ft
00
0
75
Ω coax
E1
CCITT G.703
00
1
120
Ω twisted-pair
0
1
0
FCC PART 68, OPT. A
Network
Interface
0
1
1
ANSI T1.403
Table 3. Line Length Selection
CS61305A
10
DS157PP3


Numéro de pièce similaire - CS61305A-IP1

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
CS61304A-IL CIRRUS-CS61304A-IL Datasheet
354Kb / 32P
   T1/E1 Line Interface
More results

Description similaire - CS61305A-IP1

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com