Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14536B Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce MC14536B
Description  Programmable Timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14536B Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button MC14536B Datasheet HTML 6Page - ON Semiconductor MC14536B Datasheet HTML 7Page - ON Semiconductor MC14536B Datasheet HTML 8Page - ON Semiconductor MC14536B Datasheet HTML 9Page - ON Semiconductor MC14536B Datasheet HTML 10Page - ON Semiconductor MC14536B Datasheet HTML 11Page - ON Semiconductor MC14536B Datasheet HTML 12Page - ON Semiconductor MC14536B Datasheet HTML 13Page - ON Semiconductor MC14536B Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC14536B
http://onsemi.com
10
FUNCTIONAL TEST SEQUENCE
Inputs
Outputs
Comments
In1
Set
Reset
8–Bypass
Decade Out
Q1 thru Q24
All 24 stages are in Reset mode.
1
0
1
1
0
g
1
1
1
1
0
Counter is in three 8 stage sections in parallel mode.
0
1
1
1
0
First “1” to “0” transition of clock.
1
0
1
1
1
255 “1” to “0” transitions are clocked in the counter.
0
1
1
1
1
The 255 “1” to “0” transition.
0
0
0
0
1
Counter converted back to 24 stages in series mode.
Set and Reset must be connected together and simultaneously
go from “1” to “0”.
1
0
0
0
1
In1 Switches to a “1”.
0
0
0
0
0
Counter Ripples from an all “1” state to an all “0” state.


Numéro de pièce similaire - MC14536B

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
MC14536B ONSEMI-MC14536B Datasheet
151Kb / 15P
   Programmable Timer
November, 2014 ??Rev. 14
logo
Motorola, Inc
MC14536BCL MOTOROLA-MC14536BCL Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
MC14536BCP MOTOROLA-MC14536BCP Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
More results

Description similaire - MC14536B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com