Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5503-BSZ Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS5503-BSZ
Description  Non-aliasing, 16- & 20-bit A/D Converters
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5503-BSZ Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS5503-BSZ Datasheet HTML 6Page - Cirrus Logic CS5503-BSZ Datasheet HTML 7Page - Cirrus Logic CS5503-BSZ Datasheet HTML 8Page - Cirrus Logic CS5503-BSZ Datasheet HTML 9Page - Cirrus Logic CS5503-BSZ Datasheet HTML 10Page - Cirrus Logic CS5503-BSZ Datasheet HTML 11Page - Cirrus Logic CS5503-BSZ Datasheet HTML 12Page - Cirrus Logic CS5503-BSZ Datasheet HTML 13Page - Cirrus Logic CS5503-BSZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
SWITCHING CHARACTERISTICS (continued) (TA = Tmin to Tmax;
VA+, VD+ = 5V
± 10%; VA-, VD- = -5V ± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
AC Mode (Mode = VD-) CS5501 only
Serial Clock (In)
fsclk
dc
-
4.2
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph3
tpl3
50
180
-
-
-
-
ns
ns
Set-up Time
CS Low to SCLK Falling
tcss
-20
40
ns
Maximum Data Delay Time SCLK Fall to New SDATA bit
tdd3
-
90
180
ns
Output Float Delay
CS High to Output Hi-Z (Note 21)
tfd5
-
100
200
ns
Notes: 21. If CS is returned high after an 11-bit data packet is started, the SDATA output will continue to output
data until the end of the second stop bit. At that time the SDATA output will go to high impedance.
Low Byte
STOP1 STOP2
t fd5
t pl3
Hi-Z
Hi-Z
BIT7
BIT6
BIT9
START
t ph3
t dd3
High Byte
SCLK(i)
SDATA
CS
DRDY
BIT8
t css
AC MODE Timing Relationships (CS5501 only)
CS5501/CS5503
10
DS31F4
CS5501 CS5503
10
DS31F5


Numéro de pièce similaire - CS5503-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5503-BS CIRRUS-CS5503-BS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
More results

Description similaire - CS5503-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5101A CIRRUS-CS5101A_06 Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com