Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5504-BP Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CS5504-BP
Description  Low Power, 20-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5504-BP Fiches technique(HTML) 4 Page - Cirrus Logic

  CS5504-BP Datasheet HTML 1Page - Cirrus Logic CS5504-BP Datasheet HTML 2Page - Cirrus Logic CS5504-BP Datasheet HTML 3Page - Cirrus Logic CS5504-BP Datasheet HTML 4Page - Cirrus Logic CS5504-BP Datasheet HTML 5Page - Cirrus Logic CS5504-BP Datasheet HTML 6Page - Cirrus Logic CS5504-BP Datasheet HTML 7Page - Cirrus Logic CS5504-BP Datasheet HTML 8Page - Cirrus Logic CS5504-BP Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
5V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 10%;
VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency
Internal Oscillator
External Clock
XIN
fclk
30.0
30
32.768
-
53.0
330
kHz
kHz
Master Clock Duty Cycle
40
-
60
%
Rise Times:
Any Digital Input
(Note 9)
Any Digital Output
trise
-
-
-
50
1.0
-
µs
ns
Fall Times:
Any Digital Input
(Note 9)
Any Digital Output
tfall
-
-
-
20
1.0
-
µs
ns
Start-Up
Power-On Reset Period
(Note 10)
tres
-10
-
ms
Oscillator Start-up Time
XTAL = 32.768 kHz (Note 11)
tosu
-
500
-
ms
Wake-up Period
(Note 12)
twup
-
1800/fclk
-s
Calibration
CONV Pulse Width (CAL=1)
(Note 13)
tccw
100
-
-
ns
CONV and CAL High to Start of Calibration
tscl
--
2/fclk+200
ns
Start of Calibration to End of Calibration
tcal
-
3246/fclk
-s
Conversion
Set Up Time
A0 to CONV High
tsac
50
-
-
ns
Hold Time
A0 after CONV High
thca
100
-
-
ns
CONV Pulse Width
tcpw
100
-
-
ns
CONV High to Start of Conversion
tscn
--
2/fclk+200
ns
Set Up Time
BP/UP stable prior to DRDY falling
tbus
82/fclk
--
s
Hold Time
BP/UP stable after DRDY falls
tbuh
0-
-
ns
Start of Conversion to End of Conversion
(Note 14)
tcon
-
1624/fclk
-s
Notes:
9. Specified using 10% and 90% points on waveform of interest.
10. An internal power-on-reset is activated whenever power is applied to the device.
11. Oscillator start-up time varies with the crystal parameters. This specification does not apply when
using an external clock source.
12. The wake-up period begins once the oscillator starts; or when using an external fclk, after the
power-on reset time elapses.
13. Calibration can also be initiated by pulsing CAL high while CONV=1.
14. Conversion time will be 1622/fclk if CONV remains high continuously.
CS5504
4
DS126F1
CS5504
4
DS126F2


Numéro de pièce similaire - CS5504-BP

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
   Non-aliasing, 16- & 20-bit A/D Converters
More results

Description similaire - CS5504-BP

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Analog Devices
AD7703 AD-AD7703_17 Datasheet
453Kb / 17P
   20-Bit A/D Converter
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
ADC08200 TI1-ADC08200 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 20 Msps to 200 Msps, Low Power A/D Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com